Electronic Components Datasheet Search
  English  ▼

X  

DS48 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # DS48
Description  Plug-in Signal Conditioners M-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DS48 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  DS48 Datasheet HTML 1Page - M-System Co.,Ltd. DS48 Datasheet HTML 2Page - M-System Co.,Ltd. DS48 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: DS-48
DS-48 SPECIFICATIONS
ES-3218 Rev.8 Page 2/3
http://www.m-system.co.jp/
PERFORMANCE in percentage of span
Accuracy: ±0.1 % (accuracy of the receiving resistor)
Temp. coefficient: ±0.003 %/°C (±0.002 %/°F) (temp.
coefficient of the receiving resistor)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1000 V AC @ 1 minute
(input or output to power)
2000 V AC @ 1 minute (input or output or power to ground)
EXTERNAL VIEW
Loop Fuse
Power Fuse
Power LED
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
3
4
5
6
2
1
8
7
50 (1.97)
112 (4.41)
129.5 (5.10)
[3.3 (.13)]
40 (1.57)
50 (1.97)
7.8 (.31)
CLAMP
(top & bottom)
DIN RAIL
35mm wide
2–4.5 (.18) dia.
MTG HOLE
15 (.59) deep
8–M3.5
SCREW
•When mounting, no extra space is needed between units.
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
*The DS-48 incorporates a resistor [100Ω ±5%] for adijusting load on the
current loop (**). When the resistor is not required, short across terminals
5 – 6, or connect the 2-wire transmitter to terminals 3(+) – 6(–).
+
Base Socket
3
OUTPUT
2
1
U(+)
V(–)
POWER
7
8
+
5
6
2-WIRE
TRANSMITTER
*
+
100Ω
(±0.1%)
POWER FUSE
(0.5A)
100Ω
(±5%)
LOOP FUSE (0.1A)
**
POWER LED
4



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com