Electronic Components Datasheet Search
  English  ▼

X  

2SC5161 Datasheet(PDF) 3 Page - Rohm

Part # 2SC5161
Description  HIgh voltage switching transistor (400V, 2A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC5161 Datasheet(HTML) 3 Page - Rohm

  2SC5161 Datasheet HTML 1Page - Rohm 2SC5161 Datasheet HTML 2Page - Rohm 2SC5161 Datasheet HTML 3Page - Rohm 2SC5161 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5161
Transistors
Rev.A
3/3
Fig.4 DC current gain vs.
collector current (
ΙΙ )
0.01 0.02 0.05 0.1 0.2 0.5
1
2
5
10
COLLECTOR CURRENT : IC
(A)
1000
500
200
100
50
20
10
5
2
1
Ta
=25°C
Ta
=100°C
25
°C
−25°C
Fig.5 Collector-emitter saturation
voltage vs. collector current
0.01 0.02 0.05 0.1 0.2
0.5
1
2
5
10
COLLECTOR CURRENT : IC
(A)
10
5
2
1
0.5
0.2
0.1
0.01
0.02
0.05
5
IC/IB
=10
Ta
=25°C
Fig.6 Collector-emitter saturation
voltage vs. collector current
Base-emitter saturation voltage
vs. collector current
0.01 0.02 0.05 0.1 0.2 0.5
1
2
5
10
COLLECTOR CURRENT : IC
(A)
10
5
2
1
0.5
0.2
0.1
0.05
0.02
0.01
−25°C
25
°C
100
°C
IC/IB
=5
Ta
=−25°C
100
°C
25
°C
Fig.7 Gain bandwidth product vs.
emitter current
−0.001−0.002 −0.005 −0.01 −0.02 −0.05 −0.1 −0.2
−0.5 −1
EMITTER CURRENT : IE
(A)
1
2
5
10
20
50
100
200
500
1000
Ta
=25°C
VCE
=10V
Fig.8 Collector output capacitance
vs. collector-base voltage
0.5
0.2
0.1
1
25
10
20
50 100
COLLECTOR TO BASE VOLTAGE : VCB
(V)
1000
500
200
100
50
20
10
5
2
1
Ta
=25°C
f
=1MHz
IE
=0A
Fig.9 Switching time vs.
collector current
0.01 0.02 0.05
0.2
0.5
0.1
1
2
5
10
COLLECTOR CURRENT : IC
(A)
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
tf
ton
tstg
IC
=10IB1=−10IB2
Pulse
Switching characteristic measurement circuit
Base current
wave form
Collector current
wave form
VIN
PW
IC
90%
10%
ton
tstg tf
IC
IB1
IB2
T.U.T.
IB2
IB1
VCC
200V
RL
=250Ω
PW
50
µs
duty cycle
≤1%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com