Electronic Components Datasheet Search
  English  ▼

X  

JRP2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # JRP2
Description  Plug-in Signal Conditioners M-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

JRP2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  JRP2 Datasheet HTML 1Page - M-System Co.,Ltd. JRP2 Datasheet HTML 2Page - M-System Co.,Ltd. JRP2 Datasheet HTML 3Page - M-System Co.,Ltd. JRP2 Datasheet HTML 4Page - M-System Co.,Ltd. JRP2 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: JRP2
JRP2 SPECIFICATIONS
ES-1577 Rev.8 Page 1/5
http://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
ENCODER SPEED TRANSMITTER
(field-programmable; built-in excitation)
Functions & Features
• Converts a two-phase forward and reverse rotation pulse
signal with 90 degree phase difference into a forward and
reverse speed signal
• Built-in excitation
• Field-selectable input type and range
• Isolation up to 2000 V AC
• High-density mounting
Typical Applications
• Measuring moving speed of a machine with a rotary
encoder
72
(2.83)
80
(3.15)
136
(5.35)
mm (inch)
MODEL: JRP2–[1][2]–[3][4]
ORDERING INFORMATION
• Code number: JRP2-[1][2]-[3][4]
Specify a code from below for each of [1] through [4].
(e.g. JRP2-76-K/Q)
• Special output range (For codes Z & 0)
• Use Ordering Information Sheet (No. ESU-1577). Factory
setting (indicated below) will be used if not otherwise
specified.
• Specify the specification for option code /Q
(e.g. /C01/S01)
Factory Setting
Input type
Open collector
Pulse amplitude
----
Pulse sensing
DC coupled
Low
Detecting level
1V*
1 (5V excitation)
2V*
1
(12/24V excitation)
Frequency range
0 – 1 kHz
Input zero frequency
0 Hz
Input span frequency
1 kHz
Low-end cutout
0 Hz
Low-end cutout deadband
0.01kHz
Alarm setpoint
100%
Alarm deadband
1.00%
Alarm mode
High alarm
Linearization
Without
*1. Detecting voltage in the internal circuit
INPUT – Field-selectable
Open collector
Voltage pulse
RS-422 line driver pulse
Two inputs (phase A and B) are required for adequate
operation of the this unit.
[1] EXCITATION
1: 5 V DC @ 120 mA
4: 12 V DC @ 60 mA
7: 24 V DC @ 25 mA
[2] OUTPUT
Current
A: 4 – 20 mA DC (Load resistance 750 Ω max.)
B: 2 – 10 mA DC (Load resistance 1500 Ω max.)
C: 1 – 5 mA DC (Load resistance 3000 Ω max.)
D: 0 – 20 mA DC (Load resistance 750 Ω max.)
E: 0 – 16 mA DC (Load resistance 900 Ω max.)
F: 0 – 10 mA DC (Load resistance 1500 Ω max.)
G: 0 – 1 mA DC (Load resistance 15 kΩ max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
1: 0 – 10 mV DC (Load resistance 10 kΩ min.)
2: 0 – 100 mV DC (Load resistance 100 kΩ min.)
3: 0 – 1 V DC (Load resistance 100 Ω min.)
4: 0 – 10 V DC (Load resistance 1000 Ω min.)
5: 0 – 5 V DC (Load resistance 500 Ω min.)
6: 1 – 5 V DC (Load resistance 500 Ω min.)
4W: -10 – +10 V DC (Load resistance 2000 Ω min.)
5W: -5 – +5 V DC (Load resistance 1000 Ω min.)
0: Specify voltage (See OUTPUT SPECIFICATIONS)


Similar Description - JRP2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4V MSYSTEM-AS4V Datasheet
159Kb / 3P
Plug-in Signal Conditioners M-UNIT
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
DA3 MSYSTEM-DA3 Datasheet
179Kb / 7P
Plug-in Signal Conditioners M-UNIT
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
JUA MSYSTEM-JUA Datasheet
183Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
PNT MSYSTEM-PNT Datasheet
93Kb / 2P
Plug-in Signal Conditioners M-UNIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com