Electronic Components Datasheet Search
  English  ▼

X  

JRP2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # JRP2
Description  Plug-in Signal Conditioners M-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

JRP2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  JRP2 Datasheet HTML 1Page - M-System Co.,Ltd. JRP2 Datasheet HTML 2Page - M-System Co.,Ltd. JRP2 Datasheet HTML 3Page - M-System Co.,Ltd. JRP2 Datasheet HTML 4Page - M-System Co.,Ltd. JRP2 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: JRP2
JRP2 SPECIFICATIONS
ES-1577 Rev.8 Page 2/5
http://www.m-system.co.jp/
[3] POWER INPUT
AC Power
K: 85 – 132 V AC
DC Power
S: 12 V DC
R: 24 V DC
V: 48 V DC
P: 110 V DC
[4] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
RELATED PRODUCTS
• Programming Unit (model: PU-2x)
• PC configurator software (model: JXCON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to DC output to alarm output to power
Overrange output: Approx. -15 to +115 % at 1 – 5 V
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
Alarm mode: High or Low
Alarm setpoint: -15 – +115 %
Alarm deadband: 0 – 20 %
Input monitor (PL1): Red LED blinks according to the input
phase A.
Input monitor (PL2): Red LED blinks according to the input
phase B.
Excitation adjustment: 5 – 24 V DC
Software programming: Programming Unit (model: PU-2x);
(Refer to the users manual of JXCON for the adjustments
configurable with JXCON)
• Input frequency range
• Zero and span
• Low-end cutout
• Alarm setpoint
• Output fine adjustment
• Linearrization
• Others
Adjustments: With DIP and Rotary switches.
• Input Type
• Noise Filter
• Pulse amplitude
(Refer to the instruction manual for details)
Modular jack: Connecting the PU-2x
Low-end cutout: Specify frequency (When the low-end
cutout is set to 0 Hz, the deadband is not valid.)
INPUT SPECIFICATIONS
Excitation: Shortcircuit protection; approx. 440 mA (max.) at
shortcircuit
Maximum frequency: 200 kHz
Frequency ranges: 0 – 0.01 Hz through 100 kHz
Note: Choose 100 kHz range to set the zero/span
frequencies greater than 100 kHz.
Minimum span: 10 % of the selected frequency range
Minimum pulse width time requirement: 2.5 μsec. for both
ON and OFF
■ Open Collector
Input requirements (Excitation: Sensing)
5 V: Approx. 4 V / 1.0 mA
12 V: Approx. 9 V / 2.3 mA
24 V: Approx. 16 V / 4.7 mA
ON resistance: ≤ 200 Ω
OFF resistance: ≥ 200 kΩ
Detecting level:
1 V (5 V excitation)
2 V (12/24 V excitation)
(Detecting voltage in the internal circuit. For open collector
input, be sure to re-adjust the voltage back to 1 V (5 V
excitation) or 2 V (12/24 V excitation) if it has been changed
for other input types.)
Detecting pulse edge: OFF (input monitor LED ON) to ON
(LED OFF)
■ Voltage Pulse
Waveform: Square or sine
Input impedance: 10 kΩ min.
Pulse amplitude: 0.1 – 100 Vp-p
Max. voltage between input terminals: 50 V
Detecting level: 0 – 5 V (factory setting: 2 V)
(Detecting voltage in the internal circuit.)
Detecting pulse state: A pulse rise detected when the input
voltage goes above the detecting level (input monitor LED



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com