Electronic Components Datasheet Search
  English  ▼

X  

HVP Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # HVP
Description  Space-saving Plug-in Signal Conditioners H-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

HVP Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  HVP Datasheet HTML 1Page - M-System Co.,Ltd. HVP Datasheet HTML 2Page - M-System Co.,Ltd. HVP Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: HVP
HVP SPECIFICATIONS
ES-3421 Rev.13 Page 3/3
http://www.m-system.co.jp/
TERMINAL ASSIGNMENTS unit: mm (inch)
1
2
4
3
Input shunt resistor attached
for current input.
INPUT RESISTOR
(model: REM)
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Base Socket
Pilot
Valve
Z
S
POWER
1
2
SUPPLY
PRESSURE
P / I
Converter
Deviation
Amplifier
+
–
*
INPUT
3
R
4
Driver
–
+
ELECTRO-
MAGNETIC
FLAPPER
OUTPUT
*Input shunt resistor attached for current input.
–
+
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com