Electronic Components Datasheet Search
  English  ▼

X  

HVP Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # HVP
Description  Space-saving Plug-in Signal Conditioners H-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

HVP Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  HVP Datasheet HTML 1Page - M-System Co.,Ltd. HVP Datasheet HTML 2Page - M-System Co.,Ltd. HVP Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: HVP
HVP SPECIFICATIONS
ES-3421 Rev.13 Page 1/3
http://www.m-system.co.jp/
Space-saving Plug-in Signal Conditioners H-UNIT
I/P TRANSDUCER
Functions & Features
• Converting a DC input into a proportional standard
pneumatic signal
• Semiconductor pressure sensor in the feedback circuit
• High resolution
• No mounting position effect
• High-density mounting
Typical Applications
• Converting a 4 – 20 mA from a PID controller into a
pneumatic signal
HVP
H•UNIT
25 (.98)
150
(5.91)
mm (inch)
120
(4.72)
MODEL: HVP–[1]–R[2]
ORDERING INFORMATION
• Code number: HVP-[1]-R[2]
Specify a code from below for each of [1] and [2].
(e.g. HVP-6-R/A2S/P7)
[1] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
Voltage
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[2] OPTIONS (multiple selections)
Output
blank: 0.2 – 1.0 kgf/cm2
/A1S: 19.6 – 98.1 kPa
/A2S: 20 – 100 kPa
/A3S: 20.7 – 103.4 kPa
/A2: 0.2 – 1.0 bar
/A3: 3 – 15 psig
Pneumatic Connection
blank: Rc 1/4"
/P7: 1/4" NPT fitting
RELATED PRODUCTS
Mounting Block is required. See the data sheet for model
MB.
• Code number of the Mounting Block (e.g. MB-08)
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection
Input & power input: M3.5 screw terminals (torque 0.8
N·m)
Pneumatic: Rc 1/4" or 1/4" NPT female; (torque ≤ 12 N·m)
Material
•Housing: Flame-resistant resin (black)
•Base socket: Die cast aluminium
•Valve section: Die cast aluminium
•Screw terminals: Nickel-plated steel;
Isolation: Input to power
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
INPUT SPECIFICATIONS
■ DC Current:
Shunt resistor attached to the input terminals (0.5 W)
OUTPUT SPECIFICATIONS
■ Output:
19.6 – 98.1 kPa, 0.2 – 1.0 kgf/cm2
20 – 100 kPa, 0.2 – 1.0 bar
20.7 – 103.4 kPa, 3 – 15 psig
The output goes below 0 % if the input loop is open.
Maximum air delivery: 60 Nl/minute (2.1 SCFM)
Maximum air exhaust: 60 Nl/minute (2.1 SCFM)
INSTALLATION
Supply pressure: 140 kPa (1.4 kgf/cm2, 1.4 bar, 20 psig)
±10 %. Use dry air containing no carbon black or other
foreign particles. To ensure reliability use an air filter (0.01
microns).
Air consumption: 6 Nl/minute (0.21 SCFM)
Current consumption: Approx. 30 mA
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface; Standard Rack Mounting Frame (BX-


Similar Part No. - HVP

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HVP TTELEC-HVP Datasheet
278Kb / 2P
Small footprint
logo
Anshan Leadsun Electron...
HVP-08 LEADSUN-HVP-08 Datasheet
305Kb / 1P
High Voltage Silicon Assembly Series
logo
GETAI ELECTRONICS DEVIC...
HVP-10 GETEDZ-HVP-10 Datasheet
127Kb / 1P
10kV 750mA HIGH VOLTAGE DIODES
logo
SUNMATE electronic Co.,...
HVP-10 SUNMATE-HVP-10 Datasheet
701Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
logo
Anshan Leadsun Electron...
HVP-10 LEADSUN-HVP-10 Datasheet
305Kb / 1P
High Voltage Silicon Assembly Series
More results

Similar Description - HVP

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
HPE MSYSTEM-HPE Datasheet
101Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HJPA MSYSTEM-HJPA Datasheet
108Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HJFT MSYSTEM-HJFT Datasheet
193Kb / 5P
Space-saving Plug-in Signal Conditioners H-UNIT
HJF MSYSTEM-HJF Datasheet
110Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HJDL MSYSTEM-HJDL Datasheet
138Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HAS MSYSTEM-HAS Datasheet
137Kb / 4P
Space-saving Plug-in Signal Conditioners H-UNIT
HVS MSYSTEM-HVS Datasheet
110Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HTS MSYSTEM-HTS Datasheet
113Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HSP MSYSTEM-HSP Datasheet
108Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HPR MSYSTEM-HPR Datasheet
127Kb / 4P
Space-saving Plug-in Signal Conditioners H-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com