Electronic Components Datasheet Search
  English  ▼

X  

CPC1561BTR Datasheet(PDF) 9 Page - IXYS Corporation

Part # CPC1561BTR
Description  60V, 1A, Single Pole, Normally Open, Current Limiting Relay with Thermal Shutdown
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1561BTR Datasheet(HTML) 9 Page - IXYS Corporation

  CPC1561BTR Datasheet HTML 1Page - IXYS Corporation CPC1561BTR Datasheet HTML 2Page - IXYS Corporation CPC1561BTR Datasheet HTML 3Page - IXYS Corporation CPC1561BTR Datasheet HTML 4Page - IXYS Corporation CPC1561BTR Datasheet HTML 5Page - IXYS Corporation CPC1561BTR Datasheet HTML 6Page - IXYS Corporation CPC1561BTR Datasheet HTML 7Page - IXYS Corporation CPC1561BTR Datasheet HTML 8Page - IXYS Corporation CPC1561BTR Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1561B
R01
www.ixysic.com
9
3.5 Mechanical Information
3.5.1 CPC1561B 16-pin SOIC Package Dimensions
3.5.2 CPC1561B Tape & Reel Dimensions
(inches)
mm
DIMENSIONS
NOTES:
1. Coplanarity = 0.1016 (0.004) max.
2. Leadframe thickness does not include solder plating (1000 microinch maximum).
0.406 ± 0.076
(0.016 ± 0.003)
10.211 ± 0.254
(0.402 ± 0.010)
7.493 ± 0.127
(0.295 ± 0.005)
10.312 ± 0.381
(0.406 ± 0.015)
1.270 TYP
(0.050 TYP)
0.254 +0.051 / -0.025
(0.010 +0.002 / -0.001)
0.889 ± 0.178
(0.035 ± 0.007)
0.649 ± 0.102
(0.026 ± 0.004)
PIN 1
PIN 16
2.337 ± 0.051
(0.092 ± 0.002)
0.203 ± 0.102
(0.008 ± 0.004)
45º
2.12
(0.083)
1.27
(0.050)
7.17
(0.282)
0.64
(0.025)
CPC1561B Recommended PCB Land Pattern
1.40
(0.055)
9.65
(0.380)
0.64
(0.025)
Dimensions
mm
(inches)
Embossment
Embossed Carrier
Top Cover
Tape Thickness
0.102 MAX.
(0.004 MAX.)
330.2 DIA.
(13.00 DIA.)
K
0=3.20
(0.126)
K
1=2.70
(0.106)
A
0=10.90
(0.429)
W=16
(0.630)
B
0=10.70
(0.421)
P1=12.00
(0.472)
NOTES:
1. All dimensions carry tolerances of EIA Standard 481-2
2. The tape complies with all “Notes” for constant dimensions
listed on page 5 of EIA-481-2
Direction of feed
Disclaimer Notice - Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and
test each product selected for their own applications. Littelfuse products are not designed for, and may not be used in, all applications.
Read complete Disclaimer Notice at https://www.littelfuse.com/disclaimer-electronics.
For additional information please visit our website at: www.ixysic.com
Specification: DS-CPC1561B-R01
©Copyright 2020, Littelfuse, Inc.
All rights reserved. Printed in USA.
4/22/2020



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com