Electronic Components Datasheet Search
  English  ▼

X  

CPC1561BTR Datasheet(PDF) 6 Page - IXYS Corporation

Part # CPC1561BTR
Description  60V, 1A, Single Pole, Normally Open, Current Limiting Relay with Thermal Shutdown
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1561BTR Datasheet(HTML) 6 Page - IXYS Corporation

  CPC1561BTR Datasheet HTML 1Page - IXYS Corporation CPC1561BTR Datasheet HTML 2Page - IXYS Corporation CPC1561BTR Datasheet HTML 3Page - IXYS Corporation CPC1561BTR Datasheet HTML 4Page - IXYS Corporation CPC1561BTR Datasheet HTML 5Page - IXYS Corporation CPC1561BTR Datasheet HTML 6Page - IXYS Corporation CPC1561BTR Datasheet HTML 7Page - IXYS Corporation CPC1561BTR Datasheet HTML 8Page - IXYS Corporation CPC1561BTR Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
INTEGRATED CIRCUITS DIVISION
6
www.ixysic.com
R01
CPC1561B
*Unless otherwise noted, data presented in these graphs is typical of device operation at 25ºC.
Temperature (ºC)
-50
-25
0
25
50
75
100
0.00
0.05
0.10
0.15
0.20
Turn-Off Time vs. Temperature
(I
L=100mA, VL=10V)
I
F=5mA & 10mA
I
F=2.5mA
Temperature (ºC)
-50
-25
0
25
50
75
100
0
1
2
3
4
5
6
7
Turn-On Time vs. Temperature
(I
L=100mA, VL=10V)
I
F=2.5mA
I
F=5mA
I
F=10mA
LED Current (mA)
2
3
45
6
7
89
10
11
190
191
192
193
194
195
196
197
198
199
200
On-Resistance vs. LED Current
(I
L=100mA)
Forward Current (mA)
234
5678
9
10
11
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
Typical Turn-Off Time
vs. LED Forward Current
(I
L=100mA, VL=10V)
Forward Current (mA)
234
5678
9
10
11
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Typical Turn-On Time
vs. LED Forward Current
(I
L=100mA, VL=10V)
Temperature (ºC)
-50
-25
0
25
50
75
100
120
140
160
180
200
220
240
260
280
On-Resistance vs. Temperature
(I
F=5mA, IL=100mA)
Load Voltage (V)
-0.25 -0.20 -0.15 -0.10 -0.05 0.00 0.05 0.10 0.15 0.20 0.25
-1.25
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
1.25
Load Current vs. Load Voltage
(I
F=5mA)
Load Current (A)
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
150
160
170
180
190
200
210
220
230
240
On-Resistance vs. Load Current
(I
F=5mA)
Temperature (ºC)
-50
-25
0
25
50
75
100
0.0
0.5
1.0
1.5
Typical V
F for Switch Dropout
vs. Temperature
(I
L=1PA)
Temperature (ºC)
-50
-25
0
25
50
75
100
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
Typical I
F for Switch Operation
vs. Temperature
(I
L=100mA)
Temperature (ºC)
-50
-25
0
25
50
75
100
125
150
0.50
0.75
1.00
1.25
1.50
1.75
LED Forward Voltage Drop
vs. Temperature
I
F=50mA
I
F=10mA
I
F=5mA
I
F=2mA
Temperature (ºC)
-50
-25
0
25
50
75
100
0.0
0.5
1.0
1.5
Maximum Load Current
vs. Temperature
(I
F=5mA)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com