Electronic Components Datasheet Search
  English  ▼

X  

EX128 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # EX128
Description  eX Family FPGAs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EX128 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button EX128 Datasheet HTML 9Page - List of Unclassifed Manufacturers EX128 Datasheet HTML 10Page - List of Unclassifed Manufacturers EX128 Datasheet HTML 11Page - List of Unclassifed Manufacturers EX128 Datasheet HTML 12Page - List of Unclassifed Manufacturers EX128 Datasheet HTML 13Page - List of Unclassifed Manufacturers EX128 Datasheet HTML 14Page - List of Unclassifed Manufacturers EX128 Datasheet HTML 15Page - List of Unclassifed Manufacturers EX128 Datasheet HTML 16Page - List of Unclassifed Manufacturers EX128 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
v3.0
13
eX Fam i l y FP G A s
eX T i m i n g M o de l *
H a r d -W i re d C l o c k
External Setup = tINYH + tIRD1 + tSUD – tHCKH
= 0.7 + 0.3 + 0.5 – 1.1 = 0.4 ns
Clock-to-Out (Pad-to-Pad), typical
=tHCKH + tRCO + tRD1 + tDHL
= 1.1 + 0.6 + 0.3 + 2.6 = 4.6 ns
Ro ute d C l oc k
External Setup = tINYH + tIRD2 + tSUD – tRCKH
= 0.7 + 0.4 + 0.5 – 1.3= 0.3 ns
Clock-to-Out (Pad-to-Pad), typical
=tRCKH + tRCO + tRD1 + tDHL
= 1.3+ 0.6 + 0.3 + 2.6 = 4.8 ns
*Values shown for eX128–P, worst-case commercial conditions (5.0V, 35pF Pad Load).
Input Delays
Internal Delays
Predicted
Routing
Delays
Output Delays
I/O Module
t
INYH = 0.7 ns
t
IRD2 = 0.4 ns
t
IRD1 = 0.3 ns
Combinatorial
Cell
I/O Module
t
DHL = 2.6 ns
t
RD8 = 1.2 ns
t
RD4 = 0.7 ns
t
RD1 = 0.3 ns
t
PD = 0.7 ns
I/O Module
t
DHL = 2.6 ns
t
RD1 = 0.3 ns
t
RCO= 0.6 ns
I/O Module
t
INYH = 0.7 ns
t
ENZL= 1.9 ns
t
SUD = 0.5 ns
t
HD = 0.0 ns
t
SUD = 0.5ns
t
HD = 0.0 ns
t
RCKH= 1.3 ns
(100% Load)
t
IRD1 = 0.3 ns
DQ
Register
Cell
Routed
Clock
t
RD1 = 0.3 ns
t
RCO= 0.6 ns
t
HCKH= 1.1 ns
DQ
Register
Cell
Hard-Wired
Clock
I/O Module
t
DHL = 2.6 ns
t
ENZL= 1.9 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com