Electronic Components Datasheet Search
  English  ▼

X  

SQ-RI Datasheet(PDF) 5 Page - SignalQuest, Inc.

Part # SQ-RI
Description  RUGGED PACKAGED INCLINOMETER, CAN2.0B/J1939
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGNALQUEST [SignalQuest, Inc.]
Direct Link  https://signalquest.com/
Logo SIGNALQUEST - SignalQuest, Inc.

SQ-RI Datasheet(HTML) 5 Page - SignalQuest, Inc.

  SQ-RI Datasheet HTML 1Page - SignalQuest, Inc. SQ-RI Datasheet HTML 2Page - SignalQuest, Inc. SQ-RI Datasheet HTML 3Page - SignalQuest, Inc. SQ-RI Datasheet HTML 4Page - SignalQuest, Inc. SQ-RI Datasheet HTML 5Page - SignalQuest, Inc. SQ-RI Datasheet HTML 6Page - SignalQuest, Inc. SQ-RI Datasheet HTML 7Page - SignalQuest, Inc. SQ-RI Datasheet HTML 8Page - SignalQuest, Inc. SQ-RI Datasheet HTML 9Page - SignalQuest, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DATASHEET
SQ-RI SERIES
RUGGED PACKAGED INCLINOMETER, CAN2.0B/J1939
Updated: 2014-01-16
© SignalQuest, LLC
2014
10 Water St.
Lebanon, NH 03766 USA
Tel: 603.448.6266
Fax 603.218.6426
www.signalquest.com
info@signalquest.com
5
Parameter
F Option
S Option
Notes
Warm up time from power on
0.2 s
1.0 s
Angle jitter and vibration are digitally filtered
Measurement settling time
0.1 s
0.5 s
Update Rate
40 Hz
Update rate is factory configurable – contact SignalQuest for
other options
PIN CONFIGURATION
SINGLE CONNECTOR MODELS & PRIMARY CONNECTOR ON DUAL CONNECTOR MODELS
Pin
Signal Name
Usage
1
SWCLK
Factory Programming Interface
2
ADDR_0
Address I/0 Line
3
V+
Voltage Supply
4
GND
Ground
5
C2CK
Factory Programming Interface
6
C2D
Factory Programming Interface
7
SWDIO
Factory Programming Interface
8
CAN_L
CAN Bus L Signal
9
CAN_H
CAN Bus H Signal
10
CAN_SHLD
CAN Shield
11
RST
Factory Programming Interface
12
ADDR_1
Address I/O Line
*Note: Grey boxes indicate that a signal is available only on a custom application basis.
SECONDARY CONNECTOR ON DUAL CONNECTOR MODELS
Pin
Signal Name
Usage
1
IO_A
Reserved I/O
2
IO_B
Reserved I/O
3
GND
Ground
4
V+
Voltage Supply
5
IO_C
Reserved I/O
6
C2CK
Factory Programming Interface
7
IO_D
Reserved I/O
8
IO_E
Reserved I/O
9
CAN_SHLD
CAN Shield
10
CAN_H
CAN Bus H Signal
11
CAN_L
CAN Bus L Signal
12
C2D
Factory Programming Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com