Electronic Components Datasheet Search
  English  ▼

X  

SQ-RI Datasheet(PDF) 8 Page - SignalQuest, Inc.

Part # SQ-RI
Description  RUGGED PACKAGED INCLINOMETER, CAN2.0B/J1939
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGNALQUEST [SignalQuest, Inc.]
Direct Link  https://signalquest.com/
Logo SIGNALQUEST - SignalQuest, Inc.

SQ-RI Datasheet(HTML) 8 Page - SignalQuest, Inc.

Back Button SQ-RI Datasheet HTML 4Page - SignalQuest, Inc. SQ-RI Datasheet HTML 5Page - SignalQuest, Inc. SQ-RI Datasheet HTML 6Page - SignalQuest, Inc. SQ-RI Datasheet HTML 7Page - SignalQuest, Inc. SQ-RI Datasheet HTML 8Page - SignalQuest, Inc. SQ-RI Datasheet HTML 9Page - SignalQuest, Inc. SQ-RI Datasheet HTML 10Page - SignalQuest, Inc. SQ-RI Datasheet HTML 11Page - SignalQuest, Inc. SQ-RI Datasheet HTML 12Page - SignalQuest, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
DATASHEET
SQ-RI SERIES
RUGGED PACKAGED INCLINOMETER, CAN2.0B/J1939
Updated: 2014-01-16
© SignalQuest, LLC
2014
10 Water St.
Lebanon, NH 03766 USA
Tel: 603.448.6266
Fax 603.218.6426
www.signalquest.com
info@signalquest.com
8
ORIENTATION
TERMINOLOGY
Gravity means a vector pointing from the device toward the center of the earth.
X means a vector parallel to the “X” arrow printed on housing label
Y means a vector parallel to the “Y” arrow printed on the housing label
Z means a vector passing through “Z” arrow printed on the housing label
Horizontal means the arrow is pointing at a right angle to gravity.
Straight Down means the arrow is parallel to gravity.
Straight Up means that the arrow is anti-parallel to gravity (i.e. pointing toward the sky).
Plumb Line is a line with a weight on the end hanging straight down.
SQ-RIL MODEL
DUAL -AXIS MODE
In Dual-Axis Mode the X Tilt and Y Tilt angles are measured between gravity and the arrows printed on the housing label. If
you passed a Plumb Line through the sensor’s X, Y, Z origin, the X and Y Tilt angles could be measured by placing a
protractor’s straight edge on the plum line and then reading the angles made with each arrow.
Y Tilt = Pitch (first angle)
X Tilt = Roll (second angle)
Holding Y Horizontal
When X is Horizontal, X Tilt = 90 º.
When X is Straight Up, X Tilt = ~180 º.
When X is Straight Down, X Tilt = ~0 º.
Holding X Horizontal
When Y is Horizontal, Y Tilt = 90 º.
When Y is Straight Up, Y Tilt = ~180 º.
When Y is Straight Down, Y Tilt = ~0 º.
SINGLE -AXIS MODE
In Single-Axis Mode, the Z Rotation angle is defined as a rotation about the Z axis of the sensor. For the Z Axis Rotation
angle to remain in range, the Z Axis must be near horizontal. The Z axis should be kept to less than ± 45 º of deviation from
horizontal. Pitch angle values are factory calibrated to within +/- 0.1o alignment with the sensor enclosure
.
When X is Horizontal, Y is Straight Up, Z Rotation = 0 / 360 º.
When Y is Horizontal, X is Straight Down, Z Rotation = 90 º.
When X is Horizontal, Y is Straight Down, Z Rotation = 180 º.
When Y is Horizontal, X is Straight Up, Z Rotation = 270 º.
IMPORTANT NOTES
Regardless of the mode, the inclinometer measures angles with respect to gravity. It cannot measure rotation about
the gravity vector. All rotations about gravity are invisible to the sensor and are considered equivalent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com