Electronic Components Datasheet Search
  English  ▼

X  

2SC5998YC Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC5998YC
Description  Silicon NPN Epitaxial High Frequency Medium Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5998YC Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC5998YC Datasheet HTML 1Page - Renesas Technology Corp 2SC5998YC Datasheet HTML 2Page - Renesas Technology Corp 2SC5998YC Datasheet HTML 3Page - Renesas Technology Corp 2SC5998YC Datasheet HTML 4Page - Renesas Technology Corp 2SC5998YC Datasheet HTML 5Page - Renesas Technology Corp 2SC5998YC Datasheet HTML 6Page - Renesas Technology Corp 2SC5998YC Datasheet HTML 7Page - Renesas Technology Corp 2SC5998YC Datasheet HTML 8Page - Renesas Technology Corp 2SC5998YC Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
2SC5998
Rev.1.01, Jan 27, 2006, page 5 of 10
Intermodulation Distortion
Input Power Pin (dBm)
-20
-10
0
10
20
30
40
-30
-20
-10
0
10
20
30
VCE = 3.6 V
Icq = 20 mA
f = 0.5 GHz
∆f = 1 MHz
IMD3
IMD5
Fund
(1tone)
Intermodulation Distortion
Input Power Pin (dBm)
-20
-10
0
10
20
30
40
-30
-20
-10
0
10
20
30
IMD5
IMD3
VCE = 4.5 V
Icq = 20 mA
f = 0.5 GHz
∆f = 1 MHz
Fund
(1tone)
0.5GHz Evaluation Circuit
IN
VCC
VBB
OUT
56 nH
5.1 nH
100 pF
5.1 nH
1 pF
10 pF
20 pF
30 pF
8 pF
1 pF
20 pF
56 nH
100 pF
10 ohm
68 ohm
1
µF
1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com