Electronic Components Datasheet Search
  English  ▼

X  

2SC5998YC Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 2SC5998YC
Description  Silicon NPN Epitaxial High Frequency Medium Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5998YC Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 2SC5998YC Datasheet HTML 3Page - Renesas Technology Corp 2SC5998YC Datasheet HTML 4Page - Renesas Technology Corp 2SC5998YC Datasheet HTML 5Page - Renesas Technology Corp 2SC5998YC Datasheet HTML 6Page - Renesas Technology Corp 2SC5998YC Datasheet HTML 7Page - Renesas Technology Corp 2SC5998YC Datasheet HTML 8Page - Renesas Technology Corp 2SC5998YC Datasheet HTML 9Page - Renesas Technology Corp 2SC5998YC Datasheet HTML 10Page - Renesas Technology Corp 2SC5998YC Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
2SC5998
Rev.1.01, Jan 27, 2006, page 8 of 10
S parameter
(VCE = 3.6 V, IC = 100 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.587
-158.5
40.54
105.4
0.0155
56.9
0.499
-123.7
200
0.618
-171.9
20.95
91.8
0.0245
66.6
0.459
-150.4
300
0.631
-178.0
13.81
85.0
0.0342
69.1
0.460
-161.9
400
0.640
177.3
10.20
80.2
0.0433
70.4
0.467
-169.2
500
0.647
173.4
8.02
76.5
0.0532
69.5
0.473
-174.7
600
0.652
170.0
6.58
73.3
0.0630
68.0
0.481
-179.2
700
0.657
166.8
5.58
70.4
0.0728
66.8
0.487
177.0
800
0.662
163.7
4.84
67.7
0.0829
65.5
0.493
173.3
900
0.666
160.8
4.27
65.2
0.0924
64.2
0.498
170.3
1000
0.671
158.0
3.81
62.8
0.1009
62.6
0.504
167.1
1100
0.675
155.4
3.45
60.3
0.1097
60.7
0.510
164.3
1200
0.678
152.7
3.15
58.0
0.1187
58.9
0.515
161.5
1300
0.683
150.2
2.90
55.6
0.1273
57.3
0.520
159.0
1400
0.687
147.8
2.69
53.3
0.1354
55.4
0.526
156.5
1500
0.692
145.4
2.50
50.9
0.1434
53.6
0.531
154.0
1600
0.696
143.1
2.34
48.7
0.1513
52.1
0.538
151.7
1700
0.701
140.8
2.20
46.5
0.1586
50.2
0.543
149.5
1800
0.706
138.6
2.08
44.3
0.1658
48.6
0.549
147.4
1900
0.711
136.4
1.97
42.1
0.1733
46.8
0.555
145.3
2000
0.715
134.3
1.87
39.9
0.1799
45.1
0.561
143.3
2100
0.721
132.2
1.78
37.8
0.1860
43.3
0.567
141.3
2200
0.725
130.2
1.69
35.7
0.1917
41.7
0.574
139.4
2300
0.730
128.2
1.62
33.6
0.1981
40.1
0.580
137.5
2400
0.734
126.3
1.55
31.5
0.2038
38.3
0.586
135.6
2500
0.739
124.4
1.49
29.5
0.2099
36.7
0.592
133.8
2600
0.744
122.6
1.43
27.5
0.2151
35.1
0.599
132.0
2700
0.749
120.8
1.38
25.6
0.2198
33.4
0.605
130.3
2800
0.753
119.0
1.33
23.6
0.2242
31.9
0.611
128.7
2900
0.757
117.2
1.28
21.8
0.2290
30.3
0.617
127.0
3000
0.761
115.5
1.24
19.9
0.2326
28.7
0.623
125.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com