Electronic Components Datasheet Search
  English  ▼

X  

FTK2N60F Datasheet(PDF) 6 Page - First Silicon Co., Ltd

Part # FTK2N60F
Description  2 Amps, 600 Volts N-CHANNEL MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK2N60F Datasheet(HTML) 6 Page - First Silicon Co., Ltd

  FTK2N60F Datasheet HTML 1Page - First Silicon Co., Ltd FTK2N60F Datasheet HTML 2Page - First Silicon Co., Ltd FTK2N60F Datasheet HTML 3Page - First Silicon Co., Ltd FTK2N60F Datasheet HTML 4Page - First Silicon Co., Ltd FTK2N60F Datasheet HTML 5Page - First Silicon Co., Ltd FTK2N60F Datasheet HTML 6Page - First Silicon Co., Ltd FTK2N60F Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TYPICAL CHARACTERISTICS
10 0
10 -1
10 -2
101
10 -1
10 0
Drain-Source Voltage, VDS(V)
V GS
Top
15.0 V
10 .0V
8 .0V
7 .0V
6 .5V
6 .0V
Bottorm
5.5V
100
10-1
2
12Gate-Source Voltage, VGS(V)
Transfer Characteristics468
4
6
8
10
-20
85
25
250 μs Pulse Test
TC=25
On-Region Characteristics
VDS=50V
250 μ Pulse Test
s
0
0
Drain Current, ID(A)
1
2
VGS=10V
VGS=20V
2
4
8
10
12
On-Resistance Variation vs. Drain Current and
Gate Voltage
6
3
4
5
6
TJ=25
10 0
10-1
0.2
Source-Drain Voltage, VSD(V)
Body Diode Forward Voltage Variation vs.
Source Current and Temperature
1.6
25
0.4
0.6
0.8
1.0
1.2
1.4
125
VGS=0V
250 μs Pulse Test
50 0
0
10-1
Drain-SourceVoltage, VDS (V)
Ca pa citanc e vs. Drain-Source Voltag e
40 0
10 0
100
101
CRSS
COSS
CISS=CGS+CGD
(CDS=shorted)
COSS=CDS+CGD
CRSS=CGD
CISS
VGS=0V
f = 1MHz
30 0
20 0
0
Total Gate Charge, QG(nC)
2
6
1
0
ID=2.4A
8
10
12
Gate Charge vs. Gate Charge Voltage
4
6
4
2
0
VDS=120V
VDS=300V
VDS=480V
8
2011. 08. 25
6/7
FTK2N60P / F / D / I
Revision No : A
Power MOSFET



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com