Electronic Components Datasheet Search
  English  ▼

X  

FTK2N60F Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK2N60F
Description  2 Amps, 600 Volts N-CHANNEL MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK2N60F Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK2N60F Datasheet HTML 1Page - First Silicon Co., Ltd FTK2N60F Datasheet HTML 2Page - First Silicon Co., Ltd FTK2N60F Datasheet HTML 3Page - First Silicon Co., Ltd FTK2N60F Datasheet HTML 4Page - First Silicon Co., Ltd FTK2N60F Datasheet HTML 5Page - First Silicon Co., Ltd FTK2N60F Datasheet HTML 6Page - First Silicon Co., Ltd FTK2N60F Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2 Amps, 600 Volts
N-CHANNEL MOSFET
DESCRIPTION
The FTK 2N60 is a high voltage MOSFET and is designed to
have better characteristics, such as fast switching time, low gate
charge, low on-state resistance and have a high rugged
avalanche characteristics. This power MOSFET is usually used at
high speed switching applications in power supplies, PWM motor
controls, high efficient DC to DC converters and bridge circuits.
FEATURES
* RDS(ON) = 3 .8
Ω@V
GS = 10V
* Ultra Low gate charge (typical 1.5nC)
* Low reverse transfer capacitance (CRSS = typical 5.0 pF)
* Fa st sw itching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
SYMBOL
1.Gate
3 Source
2 Drain
TO - 220
1
TO - 252
TO - 251
1
1
1
TO - 220F
ORDERING INFORMATION
Ordering Number
Pin Assignment
Package
1
2
3
Packing
FTK2N60P
TO-220
G
D
S
Tube
FTK2N60F
TO-220F
G
D
S
Tube
FTK2N60I
TO-251
G
D
S
Tube
FTK2N60D
TO-252
G
D
S
Tape Reel
Note: Pin Assignment:
G: Gate
D: Drain
S: Source
2011. 08. 25
1/7
SEMICONDUCTOR
TECHNICAL DATA
FTK2N60P / F / D / I
Revision No : A
I :
D :
P :
F :


Similar Part No. - FTK2N60F

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK2N65D FS-FTK2N65D Datasheet
346Kb / 7P
2 Amps, 650 Volts N-CHANNEL MOSFET
FTK2N65F FS-FTK2N65F Datasheet
346Kb / 7P
2 Amps, 650 Volts N-CHANNEL MOSFET
FTK2N65I FS-FTK2N65I Datasheet
346Kb / 7P
2 Amps, 650 Volts N-CHANNEL MOSFET
FTK2N65P FS-FTK2N65P Datasheet
346Kb / 7P
2 Amps, 650 Volts N-CHANNEL MOSFET
More results

Similar Description - FTK2N60F

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N60 UTC-2N60 Datasheet
142Kb / 8P
2 Amps, 600 Volts N-CHANNEL MOSFET
1N60 UTC-1N60 Datasheet
143Kb / 8P
1.2 Amps, 600 Volts N-CHANNEL MOSFET
1N60A UTC-1N60A Datasheet
139Kb / 8P
0.5 Amps, 600 Volts N-CHANNEL MOSFET
2N60 UTC-2N60_11 Datasheet
224Kb / 6P
2 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
2N60L UTC-2N60L_10 Datasheet
212Kb / 6P
2 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
15N60 UTC-15N60 Datasheet
165Kb / 6P
15 Amps, 600 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK1N60 FS-FTK1N60 Datasheet
222Kb / 7P
1.0 Amps, 600 Volts N-CHANNEL MOSFET
FTK7N60P FS-FTK7N60P Datasheet
248Kb / 6P
7.0 Amps, 600 Volts N-CHANNEL MOSFET
FTK7N60PD FS-FTK7N60PD Datasheet
248Kb / 6P
7.0 Amps, 600 Volts N-CHANNEL MOSFET
FTK10N60PD FS-FTK10N60PD Datasheet
373Kb / 7P
10 Amps, 600 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com