Electronic Components Datasheet Search
  English  ▼

X  

ADRF6650ACPZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADRF6650ACPZ
Description  Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6650ACPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRF6650ACPZ Datasheet HTML 9Page - Analog Devices ADRF6650ACPZ Datasheet HTML 10Page - Analog Devices ADRF6650ACPZ Datasheet HTML 11Page - Analog Devices ADRF6650ACPZ Datasheet HTML 12Page - Analog Devices ADRF6650ACPZ Datasheet HTML 13Page - Analog Devices ADRF6650ACPZ Datasheet HTML 14Page - Analog Devices ADRF6650ACPZ Datasheet HTML 15Page - Analog Devices ADRF6650ACPZ Datasheet HTML 16Page - Analog Devices ADRF6650ACPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
Data Sheet
ADRF6650
Rev. A | Page 13 of 61
TYPICAL PERFORMANCE CHARACTERISTICS
VCC_DVGA_x = 5 V, VCCx = 3.3 V, TA = 27°C, fIF = 184 MHz, internal LO, digital variable gain amplifier (DVGA) attenuation = 0 dB,
LTUNE = 1 nH, LSHUNT = 150 nH, and 25 Ω external resistors on each differential leg, 5 V high power mode, low-pass filter setting = 7,
unless otherwise noted. The LO is high-side for RF frequencies lower than 1 GHz and higher than 2.5 GHz, and LO is low-side for the
remaining RF frequencies. For two-tone measurements, IF output power is −4 dBm/tone and 10 MHz tone spacing, unless otherwise
noted. All losses from input and output traces and baluns are de-embedded from results.
0
5
10
15
20
25
30
35
500
940
1380
1820
2260
2700
RF FREQUENCY (MHz)
–40°C
+27°C
+105°C
Figure 4. Gain vs. RF Frequency
0
2
4
6
8
10
12
14
16
18
20
500
940
1380
1820
2260
2700
RF FREQUENCY (MHz)
–40°C
+27°C
+105°C
Figure 5. OP1dB vs. RF Frequency
0
5
10
15
20
25
30
35
40
45
50
500
940
1380
1820
2260
2700
RF FREQUENCY (MHz)
CHANNEL A
CHANNEL B
OP1dB
GAIN
OIP3
Figure 6. OP1dB, Gain, and OIP3 vs. RF Frequency, Channel Comparison
15
17
19
21
23
25
27
29
31
33
35
50
125
200
275
350
425
500
IF FREQUENCY (MHz)
LO FREQUENCY = 800MHz
LO FREQUENCY = 1800MHz
LO FREQUENCY = 2700MHz
Figure 7. Gain vs. IF Frequency; RF Sweep with Fixed LO, LSHUNTx = 150 nH
0
5
10
15
20
25
30
35
50
100
150
200
250
300
350
400
450
500
IF FREQUENCY (MHz)
LO FREQUENCY = 800MHz
LO FREQUENCY = 1800MHz
LO FREQUENCY = 2700MHz
Figure 8. Gain vs. IF Frequency; RF Sweep with Fixed LO, LSHUNTx = 47 nH
3
5
7
9
11
13
15
17
19
21
50
125
200
275
350
425
500
IF FREQUENCY (MHz)
LO FREQUENCY = 800MHz
LO FREQUENCY = 1800MHz
LO FREQUENCY = 2700MHz
Figure 9. OP1dB vs. IF Frequency; RF Sweep with Fixed LO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com