Electronic Components Datasheet Search
  English  ▼

X  

ADRF6650ACPZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADRF6650ACPZ
Description  Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6650ACPZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADRF6650ACPZ Datasheet HTML 21Page - Analog Devices ADRF6650ACPZ Datasheet HTML 22Page - Analog Devices ADRF6650ACPZ Datasheet HTML 23Page - Analog Devices ADRF6650ACPZ Datasheet HTML 24Page - Analog Devices ADRF6650ACPZ Datasheet HTML 25Page - Analog Devices ADRF6650ACPZ Datasheet HTML 26Page - Analog Devices ADRF6650ACPZ Datasheet HTML 27Page - Analog Devices ADRF6650ACPZ Datasheet HTML 28Page - Analog Devices ADRF6650ACPZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 61 page
background image
Data Sheet
ADRF6650
Rev. A | Page 25 of 61
SEE PLL FREQUENCY
PROGRAMMING SECTION
AUXILIARY
LO OUTPUT
LO OUT ENABLE
REGISTER 0x1414[6]
REGISTER 0x1414[4:0]
EXT_LO_IN+
EXT_LO_IN–
VTUNE
CPOUT
TO MIXER
MIX OUT ENABLE
REGISTER 0x1414[7]
SEE EXTERNAL
LO MODE
SECTION
SEE PLL FREQUENCY
PROGRAMMING SECTION
REGISTER 0x120B[1]
31
32
30
41
45
OUT
DIVIDER
CHARGE
PUMP
PFD
R
DIVIDER
REF_IN
PRESCALER
EXTERNAL
LOOP FILTER
N = INT +
FRAC1 +
16,777,216
FRAC2
MOD2
Figure 52. PLL/VCO Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com