Electronic Components Datasheet Search
  English  ▼

X  

TDA8588J Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8588J
Description  I2C-bus controlled 4 x 50 Watt power amplifier and multiple voltage regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8588J Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8588J Datasheet HTML 9Page - NXP Semiconductors TDA8588J Datasheet HTML 10Page - NXP Semiconductors TDA8588J Datasheet HTML 11Page - NXP Semiconductors TDA8588J Datasheet HTML 12Page - NXP Semiconductors TDA8588J Datasheet HTML 13Page - NXP Semiconductors TDA8588J Datasheet HTML 14Page - NXP Semiconductors TDA8588J Datasheet HTML 15Page - NXP Semiconductors TDA8588J Datasheet HTML 16Page - NXP Semiconductors TDA8588J Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
2004 Feb 24
13
Philips Semiconductors
Product specification
I2C-bus controlled 4
× 50 Watt power
amplifier and multiple voltage regulator
TDA8588J; TDA8588xJ
Protection
All regulator and switch outputs are fully protected by
foldback current limiting against load dumps and
short-circuits; see Fig.6. During a load dump all regulator
outputs, except the output of regulator 2, will go low.
The power switches can withstand ‘loss-of-ground’. This
means that if pin GND becomes disconnected, the switch
is protected by automatically connecting its outputs to
ground.
Temperature protection
If the junction temperature of a regulator becomes too
high, the amplifier(s) are switched off to prevent unwanted
noise signals being audible. A regulator junction
temperature that is too high is indicated by pin DIAG going
LOW and is also indicated by setting bit D6 in data byte 2.
If the junction temperature of the regulator continues to
rise and reaches the maximum temperature protection
level, all regulators and switches will be disabled except
regulator 2.
handbook, full pagewidth
VO(REGn)
Isc
Ilimit
IO(REGn)
MDB513
Fig.6 Foldback current protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com