Electronic Components Datasheet Search
  English  ▼

X  

TDA8588J Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA8588J
Description  I2C-bus controlled 4 x 50 Watt power amplifier and multiple voltage regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8588J Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA8588J Datasheet HTML 17Page - NXP Semiconductors TDA8588J Datasheet HTML 18Page - NXP Semiconductors TDA8588J Datasheet HTML 19Page - NXP Semiconductors TDA8588J Datasheet HTML 20Page - NXP Semiconductors TDA8588J Datasheet HTML 21Page - NXP Semiconductors TDA8588J Datasheet HTML 22Page - NXP Semiconductors TDA8588J Datasheet HTML 23Page - NXP Semiconductors TDA8588J Datasheet HTML 24Page - NXP Semiconductors TDA8588J Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
2004 Feb 24
21
Philips Semiconductors
Product specification
I2C-bus controlled 4
× 50 Watt power
amplifier and multiple voltage regulator
TDA8588J; TDA8588xJ
THERMAL CHARACTERISTICS
QUALITY SPECIFICATION
In accordance with
“General Quality Specification for Integrated Circuits SNW-FQ-611D”.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
40
K/W
Rth(j-c)
thermal resistance from junction to case
see Fig.11
0.75
K/W
handbook, halfpage
MDB514
Amplifier
0.5 K
/W
0.2 K
/W
1 K
/W
Voltage regulator
Virtual junction
Case
Fig.11 Equivalent thermal resistance network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com