Electronic Components Datasheet Search
  English  ▼

X  

LP8732-Q1 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # LP8732-Q1
Description  LP8732xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8732-Q1 Datasheet(HTML) 71 Page - Texas Instruments

Back Button LP8732-Q1 Datasheet HTML 67Page - Texas Instruments LP8732-Q1 Datasheet HTML 68Page - Texas Instruments LP8732-Q1 Datasheet HTML 69Page - Texas Instruments LP8732-Q1 Datasheet HTML 70Page - Texas Instruments LP8732-Q1 Datasheet HTML 71Page - Texas Instruments LP8732-Q1 Datasheet HTML 72Page - Texas Instruments LP8732-Q1 Datasheet HTML 73Page - Texas Instruments LP8732-Q1 Datasheet HTML 74Page - Texas Instruments LP8732-Q1 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 85 page
background image
Output Current (mA)
0
50
100
150
200
250
300
0.98
0.985
0.99
0.995
1
1.005
1.01
1.015
1.02
D050
Vin=3.3V
Vin=5V
Input Voltage (V)
2.5
3
3.5
4
4.5
5
5.5
0.98
0.985
0.99
0.995
1
1.005
1.01
1.015
1.02
D051
VOUT(200mV/div)
Time (400 µs/div)
VOUT(200mV/div)
Time (400 µs/div)
71
LP8732-Q1
www.ti.com
SNVSB63 – SEPTEMBER 2018
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Figure 66. Buck VOUT Transition from 0.6 V to 1.4 V With
Different Slew Rate Settings
Figure 67. Buck VOUT Transition from 1.4 V to 0.6 V With
Different Slew Rate Settings
Figure 68. Buck Start-up With Short on Output (Single-
Phase Output)
Figure 69. Buck Start-up With Short on Output (Dual-
Phase Output)
VOUT = 1 V
Figure 70. LDO Output Voltage vs Load Current
VOUT = 1 V
Load = 200 mA
Figure 71. LDO Output Voltage vs Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com