Electronic Components Datasheet Search
  English  ▼

X  

LP8732-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP8732-Q1
Description  LP8732xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8732-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP8732-Q1 Datasheet HTML 4Page - Texas Instruments LP8732-Q1 Datasheet HTML 5Page - Texas Instruments LP8732-Q1 Datasheet HTML 6Page - Texas Instruments LP8732-Q1 Datasheet HTML 7Page - Texas Instruments LP8732-Q1 Datasheet HTML 8Page - Texas Instruments LP8732-Q1 Datasheet HTML 9Page - Texas Instruments LP8732-Q1 Datasheet HTML 10Page - Texas Instruments LP8732-Q1 Datasheet HTML 11Page - Texas Instruments LP8732-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 85 page
background image
8
LP8732-Q1
SNVSB63 – SEPTEMBER 2018
www.ti.com
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
Limits apply over the junction temperature range –40°C
≤ TJ ≤ +140°C, specified VVANA, VVIN_Bx, VVIN_LDOx, VVOUT_Bx, VVOUT_LDOx
and IOUT range, unless otherwise noted. Typical values are at TJ = 25°C, VVANA = VVIN_Bx = VVIN_LDOx = 3.7 V, and VOUT = 1 V,
unless otherwise noted.
(1)(2).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(5)
The final PFM-to-PWM and PWM-to-PFM switchover current varies slightly and is dependent on the output voltage, input voltage and
the inductor current level.
IPFM-PWM
PFM-to-PWM - current
threshold(5)
550
mA
IPWM-PFM
PWM-to-PFM - current
threshold(5)
290
mA
IADD
Phase adding level
(dual-phase output)
From 1-phase to 2-phase
1000
mA
ISHED
Phase shedding level
(dual-phase output)
From 2-phase to 1-phase
650
mA
RDIS_Bx
Output pulldown
resistance
Regulator disabled
150
250
350
Ω
Output voltage
monitoring for PGOOD
pin and for power-good
Interrupt
V(VIN_Bx) and V(VANA) fixed 3.7 V
Overvoltage threshold (compared to DC
output voltage level, VVOUT_Bx_DC)
39
50
64
mV
Undervoltage threshold (compared to DC
output voltage level, VVOUT_Bx_DC)
–53
–40
–29
Deglitch time during operation and after
voltage change
4
15
µs
Gating time for PGOOD
signal after regulator
enable or voltage
change
PGOOD_MODE = 0
800
µs
LDO REGULATORS
VIN_LDOx
Input voltage range for
LDO power inputs
VIN_LDOx can be higher or lower than V(VANA)
2.5
3.7
5.5
V
VOUT_LDOx
Output voltage
Programmable voltage range
0.8
3.3
V
Step size
0.1
IOUT_LDOx
Output current
300
mA
Dropout voltage
V(VIN_LDOx) – V(VOUT_LDOx), IOUT = IOUT(max),
Programmed output voltage is higher than
V(VIN_LDOx)
200
mV
VOUT_LDO_DC
DC output voltage
accuracy, includes
voltage reference, DC
load and line regulations,
process, temperature
VOUT < 1 V
–20
20
mV
VOUT ≥ 1 V
–2%
2%
DCLNR
DC line regulation
IOUT = 1 mA
0.1
%/V
DCLDR
DC load regulation
IOUT = 1 mA to IOUT(max)
0.8%
TLDSR
Transient load step
response
IOUT = 1 mA to 300 mA, TR = TF = 1 µs
–50/+40
mV
TLNSR
Transient line response
V(VIN_LDOx) stepping 3 V ↔ 3.5 V, TR = TF =
10 µs, IOUT = IOUT(max)
±7
mV
PSRR
Power supply ripple
rejection
ƒ = 10 kHz, IOUT = IOUT(max)
53
dB
Noise
10 Hz < F < 100 kHz, IOUT = IOUT(max)
82
µVrms
ISHORT(LDOx)
LDO current limit
VOUT = 0 V
400
500
600
mA
Start-up time
From enable to valid output voltage
300
µs
Slew rate during start-up
15
mV/µs
RDIS_LDOx
Output pulldown
resistance
Regulator disabled
150
250
350
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com