| Electronic Components Datasheet Search |
|
REF3433-Q1 Datasheet(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
REF3433-Q1 Datasheet(HTML) 12 Page - Texas Instruments |
|
12 / 38 page ![]() 9 Parameter Measurement Information 9.1 Solder Heat Shift The materials used in the manufacture of the REF34-Q1 have differing coefficients of thermal expansion, resulting in stress on the device die when the part is heated. Mechanical and thermal stress on the device die can cause the output voltages to shift, degrading the initial accuracy specifications of the product. Reflow soldering is a common cause of this error. In order to illustrate this effect, a total of 32 devices were soldered on four printed circuit boards [16 devices on each printed circuit board (PCB)] using lead-free solder paste and the paste manufacturer suggested reflow profile. The reflow profile is as shown in Figure 9-1. The printed circuit board is comprised of FR4 material. The board thickness is 1.65 mm and the area is 114 mm × 152 mm. All measurements were taken after baking at 150°C. 0 50 100 150 200 250 300 0 50 100 150 200 250 300 350 400 Time (seconds) C01 Figure 9-1. Reflow Profile The reference output voltage is measured before and after the reflow process; the typical shift is displayed in Figure 9-2. Although all tested units exhibit very low shifts (< 0.01%), higher shifts are also possible depending on the size, thickness, and material of the printed circuit board. An important note is that the histograms display the typical shift for exposure to a single reflow profile. Exposure to multiple reflows, as is common on PCBs with surface-mount components on both sides, causes additional shifts in the output bias voltage. If the PCB is exposed to multiple reflows, the device must be soldered in the second pass to minimize its exposure to thermal stress. Solder Heat Shift (%) 0 10% 20% 30% 40% 50% D017 Figure 9-2. Solder Heat Shift Distribution, VREF (%) - DBV Package Solder Heat Shift (%) 0 10% 20% 30% 40% 50% DGKs Figure 9-3. Solder Heat Shift Distribution, VREF (%) - DGK Package REF34-Q1 SBAS901C – JULY 2018 – REVISED OCTOBER 2020 www.ti.com 12 Submit Document Feedback Copyright © 2020 Texas Instruments Incorporated Product Folder Links: REF34-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |