| Electronic Components Datasheet Search |
|
REF3433-Q1 Datasheet(PDF) 23 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
REF3433-Q1 Datasheet(HTML) 23 Page - Texas Instruments |
|
23 / 38 page ![]() 12 Power Supply Recommendations The REF34-Q1 family of references feature an extremely low-dropout voltage. These references can be operated with a supply of only 50 mV above the output voltage. TI recommends a supply bypass capacitor ranging between 0.1 µF to 10 µF. 13 Layout 13.1 Layout Guidelines Figure 13-1 illustrates an example of a PCB layout for a data acquisition system using the REF34-Q1. Some key considerations are: • Connect low-ESR, 0.1-μF ceramic bypass capacitors at VIN, VREF of the REF34-Q1. • Decouple other active devices in the system per the device specifications. • Using a solid ground plane helps distribute heat and reduces electromagnetic interference (EMI) noise pickup. • Place the external components as close to the device as possible. This configuration prevents parasitic errors (such as the Seebeck effect) from occurring. • Do not run sensitive analog traces in parallel with digital traces. Avoid crossing digital and analog traces if possible, and only make perpendicular crossings when absolutely necessary. 13.2 Layout Example 1 6 2 3 4 GND_F GND_S EN OUT_F IN REF34XX C 5 OUT_S Figure 13-1. Layout Example (REF34xx-Q1 DBV Package) 1 5 2 3 4 NIC OUT REF34S-Q1 C OUT IN GND NC C IN Figure 13-2. Layout Example (REF34xxS-Q1 DBV Package) www.ti.com REF34-Q1 SBAS901C – JULY 2018 – REVISED OCTOBER 2020 Copyright © 2020 Texas Instruments Incorporated Submit Document Feedback 23 Product Folder Links: REF34-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |