Electronic Components Datasheet Search
  English  ▼

X  

OPA2191ID Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2191ID
Description  OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2191ID Datasheet(HTML) 1 Page - Texas Instruments

  OPA2191ID Datasheet HTML 1Page - Texas Instruments OPA2191ID Datasheet HTML 2Page - Texas Instruments OPA2191ID Datasheet HTML 3Page - Texas Instruments OPA2191ID Datasheet HTML 4Page - Texas Instruments OPA2191ID Datasheet HTML 5Page - Texas Instruments OPA2191ID Datasheet HTML 6Page - Texas Instruments OPA2191ID Datasheet HTML 7Page - Texas Instruments OPA2191ID Datasheet HTML 8Page - Texas Instruments OPA2191ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
ADS8864
REF
VIN
P
VIN
M
4:2
HV MUX
+
+
+
Antialiasing
Filter
Gain
Gain
Gain
High-Voltage Level Translation
VCM
High-Voltage Multiplexed Input
Reference Driver
REF3140
RC Filter
OPA625
RC Filter
Analog Inputs
Bridge Sensor
Thermocouple
Current Sensing
Optical Sensor
OPA191
OPA191
OPA191
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
OPA191, OPA2191, OPA4191
SBOS701C – DECEMEBER 2015 – REVISED OCTOBER 2019
OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output,
Low Offset Voltage, Low Input Bias Current Op Amp
1
1 Features
1
•
Low offset voltage: ±5 µV
•
Low offset voltage drift: ±0.1 µV/°C
•
Low noise: 15 nV/
√Hz at 1 kHz
•
High common-mode rejection: 140 dB
•
Low bias current: ±5 pA
•
Rail-to-rail input and output
•
Wide bandwidth: 2.5-MHz GBW
•
High slew rate: 5 V/µs
•
Low quiescent current: 140 µA per amplifier
•
Wide supply: ±2.25 V to ±18 V, 4.5 V to 36 V
•
EMI/RFI filtered inputs
•
Differential input voltage range to supply rail
•
High capacitive load drive capability: 1 nF
•
Industry standard packages:
–
Single in SOIC-8, SOT-5, and VSSOP-8
–
Dual in SOIC-8 and VSSOP-8
–
Quad in SOIC-14, TSSOP-14, and WQFN-16
2 Applications
•
Analog input module
•
Mixed module (AI, AO, DI, DO)
•
Data acquisition (DAQ)
•
Source measurement unit (SMU)
•
Pressure transmitter
•
Train control and management systems
•
Lab and field instrumentation
3 Description
The
OPAx191
family
(OPA191,
OPA2191,
and
OPA4191) is a new generation of 36-V, e-trim™
operational amplifiers.
These devices offer outstanding dc precision and ac
performance, including rail-to-rail input/output, low
offset voltage (±5 µV, typ), low offset drift (±0.2
µV/°C, typ), and 2-MHz bandwidth.
Unique features, such as differential input-voltage
range to the supply rail, high output current (±65 mA),
high capacitive load drive of up to 1 nF, and high
slew rate (5 V/µs), make the OPAx191 a robust, high-
performance operational amplifier for high-voltage
industrial applications.
The OPAx191 family of op amps is available in
standard packages and is specified from –40°C to
+125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA191
SOIC (8)
4.90 mm × 3.90 mm
SOT (5)
2.90 mm × 1.60 mm
VSSOP (8)
3.00 mm × 3.00 mm
OPA2191
SOIC (8)
4.90 mm × 3.90 mm
VSSOP (8)
3.00 mm × 3.00 mm
OPA4191
SOIC (14)
8.65 mm x 3.90 mm
TSSOP (14)
5.00 mm x 4.40 mm
WQFN (16)
4.00 mm x 4.00 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
OPA191 in a High-Voltage, Multiplexed, Data-Acquisition System


Similar Part No. - OPA2191ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2191ID TI1-OPA2191ID Datasheet
3Mb / 49P
Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA2191ID TI1-OPA2191ID Datasheet
3Mb / 51P
36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA2191ID TI1-OPA2191ID Datasheet
3Mb / 51P
36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA2191ID TI1-OPA2191ID Datasheet
3Mb / 52P
36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA2191ID TI1-OPA2191ID Datasheet
3Mb / 53P
OPAx191 36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
More results

Similar Description - OPA2191ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2192 TI-OPA2192 Datasheet
3Mb / 51P
OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim
OPA192 TI-OPA192_15 Datasheet
2Mb / 52P
OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim?
OPA191 TI1-OPA191_17 Datasheet
3Mb / 49P
Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191_017 TI1-OPA191_017 Datasheet
3Mb / 51P
36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191_0017 TI1-OPA191_0017 Datasheet
3Mb / 51P
36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA192-Q1 TI1-OPA192-Q1 Datasheet
2Mb / 42P
36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current Op Amp With e-trim
OPA191_00017 TI1-OPA191_00017 Datasheet
3Mb / 52P
36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191 TI1-OPA191_V01 Datasheet
3Mb / 53P
OPAx191 36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191 TI1-OPA191_V02 Datasheet
3Mb / 56P
OPAx191 36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191 TI-OPA191_V04 Datasheet
4Mb / 59P
OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
REVISED AUGUST 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com