Electronic Components Datasheet Search
  English  ▼

X  

OPA2191ID Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2191ID
Description  OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2191ID Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPA2191ID Datasheet HTML 19Page - Texas Instruments OPA2191ID Datasheet HTML 20Page - Texas Instruments OPA2191ID Datasheet HTML 21Page - Texas Instruments OPA2191ID Datasheet HTML 22Page - Texas Instruments OPA2191ID Datasheet HTML 23Page - Texas Instruments OPA2191ID Datasheet HTML 24Page - Texas Instruments OPA2191ID Datasheet HTML 25Page - Texas Instruments OPA2191ID Datasheet HTML 26Page - Texas Instruments OPA2191ID Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
Input Low-Pass Filter
Ron_mux
CS
CS
CD
Sn
Sn+1
D
Simplified Mux Model
RFILT
RFILT
CFILT
CFILT
Vn = 10 V
Vn+1 = ±10 V
10 V
±10 V
Buffer Amplifier
1
2
Idiode_transient
10 V
~±9.3 V
1
VIN+
VIN±
~0.7 V
VOUT
2
±10 V
Ron_mux
OPAx191
36 V
~0.7 V
VOUT
V+
V
Conventional Input Protection
Limits Differential Input Range
OPAx191 Provides Full 36-
V Differential Input Range
VIN+
VIN
VOUT
V+
V
VIN+
VIN
23
OPA191, OPA2191, OPA4191
www.ti.com
SBOS701C – DECEMEBER 2015 – REVISED OCTOBER 2019
Product Folder Links: OPA191 OPA2191 OPA4191
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 Input Protection Circuitry
The OPAx191 uses a unique input architecture to eliminate the need for input protection diodes but still provides
robust input protection under transient conditions. Conventional input diode protection schemes shown in
Figure 51 can be activated by fast transient step responses and can introduce signal distortion and settling time
delays because of alternate current paths, as shown in Figure 52. For low-gain circuits, these fast-ramping input
signals forward-bias back-to-back diodes that cause an increase in input current, resulting in extended settling
time.
Figure 51. OPA191 Input Protection Does Not Limit Differential Input Capability
Figure 52. Back-to-Back Diodes Create Settling Issues
The OPAx191 family of operational amplifiers provides a true high-impedance differential input capability for high-
voltage applications. This patented input protection architecture does not introduce additional signal distortion or
delayed settling time, making the device an optimal op amp for multichannel, high-switched, input applications.
The OPAx191 tolerates a maximum differential swing (voltage between inverting and noninverting pins of the op
amp) of up to 36 V, making the device an excellent choice for use as a comparator or in applications with fast-
ramping input signals such as multiplexed data-acquisition systems (see Figure 64).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com