Electronic Components Datasheet Search
  English  ▼

X  

FTD1601 Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # FTD1601
Description  3A, 150KHz PWM Buck DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD1601 Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  FTD1601 Datasheet HTML 1Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 2Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 3Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 4Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 5Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 6Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 7Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 8Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 9Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
FTD1601
2021. 03. 15
5/9
Revision No : 0
Electrical Characteristics
VIN =12V, TA =+25℃, unless otherwise noted
Parameter
Symbol
Condition
Min
Typ
Max
Units
Shutdown Supply Current
ON/OFF=5V
-
35
-
uA
Quiescent current
IQ
ON/OFF=0V;VFB=1.5V
-
5
-
mA
Feedback Voltage
VFB
9V≤VIN≤40V
1.200
1.23
1.26
V
Oscilla�on Frequency
FOSC1
VFB>0.3
120
150
180
kHz
Highside Switch On Resistance
RDS(ON)
-
350
-
mΩ
Current Limit
IL
Peak output current
-
4.5
-
A
Maximum Duty Cycle
DMAX
-
98
-
%
ON/OFF Threshold voltage
VIL
Low(Regulator ON)
-
0.8
-
V
Input Under Voltage Lockout Threshold
VIN Rising
-
8.6
-
V
Input Under Voltage Lockout Threshold
Hysteresis
-
600
-
mV
Thermal Shutdown
-
150
-
℃



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com