Electronic Components Datasheet Search
  English  ▼

X  

FTD1601 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTD1601
Description  3A, 150KHz PWM Buck DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD1601 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTD1601 Datasheet HTML 1Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 2Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 3Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 4Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 5Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 6Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 7Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 8Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 9Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
3A, 150KHz PWM Buck DC/DC Converter
General Descrip�on
Features
Applica�ons
SEMICONDUCTOR
TECHNICAL DATA
FTD1601
2021. 03. 15
1/9
Revision No : 0
The FTD1601 is a series of easy to use fixed and adjustable
step-down(buck) switch-mode voltage regulators. These
devices are available in fixed output voltage of 5V, and an
adjustable output version. Both versions are capable of driving a
3A load with excellent line and load regula�on.
Requiring a minimum number of external components, these
regulators are simple to use and include internal frequency
compensa�on, and a fixed-frequency oscillator.
The output voltage is guaranteed to ±3% tolerance under
specified input voltage and output load condi�ons. The
oscillator frequency is guaranteed to ±15%. External shutdown
is included, featuring typically 80 µA standby current. Self
protec�on features include a two stage frequency reducing
current limit for the output switch and an over temperature
shutdown for complete protec�on under fault condi�ons.
The FTD1601 is available in TO-263-5L packages.
5V and adjustable output versions
Output adjustable from 1.23v to 57V
Fixed 150KHz frequency internal oscillator
Guaranteed 3A output load current
Input voltage range up to 60V
TTL shutdown capability
Excellent line and load regula�on
High efficiency
Thermal shutdown and current limit protec�on
Available in TO-263 packages
Simple High-efficiency step-down regulator
On-card switching regulators
Posi�ve to nega�ve converter
LCD monitor and LCD TV
DVD recorder and PDP TV
Ba�ery charger
Step-down to 3.3V for microprocessors
Package Types
Figure 1. Package Types of FTD1601
TO-263-5L


Similar Part No. - FTD1601

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTD1616A FS-FTD1616A Datasheet
262Kb / 2P
General Purpose Transistor
FTD1624 FS-FTD1624 Datasheet
1Mb / 2P
VOLTAGE REGULATORS, RELAY DRIVERS LAMP DRIVERS, ELECTRICAL EQUIPMENT
FTD1624A FS-FTD1624A Datasheet
1Mb / 2P
VOLTAGE REGULATORS, RELAY DRIVERS LAMP DRIVERS, ELECTRICAL EQUIPMENT
FTD1624B FS-FTD1624B Datasheet
1Mb / 2P
VOLTAGE REGULATORS, RELAY DRIVERS LAMP DRIVERS, ELECTRICAL EQUIPMENT
FTD1624C FS-FTD1624C Datasheet
1Mb / 2P
VOLTAGE REGULATORS, RELAY DRIVERS LAMP DRIVERS, ELECTRICAL EQUIPMENT
More results

Similar Description - FTD1601

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
150KHz, 3A PWM Buck DC/DC Converter
Rev.1.1 Oct 29, 2004
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
150Khz, 3A PWM Buck DC/DC Converter
Rev.1.2 Aug. 23, 2005
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3123 FOSLINK-FSP3123 Datasheet
320Kb / 11P
150KHZ 3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
Rev 11
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com