Electronic Components Datasheet Search
  English  ▼

X  

AP1128SA Datasheet(PDF) 4 Page - Anachip Corp

Part # AP1128SA
Description  3A Bus Terminator Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1128SA Datasheet(HTML) 4 Page - Anachip Corp

  AP1128SA Datasheet HTML 1Page - Anachip Corp AP1128SA Datasheet HTML 2Page - Anachip Corp AP1128SA Datasheet HTML 3Page - Anachip Corp AP1128SA Datasheet HTML 4Page - Anachip Corp AP1128SA Datasheet HTML 5Page - Anachip Corp AP1128SA Datasheet HTML 6Page - Anachip Corp AP1128SA Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3A Bus Terminator Regulator
AP1128
Anachip Corp.
www.anachip.com.tw
Rev.1.0 Jul 20, 2005
4/7
Typical Performance Characteristics (Continued)
Fig 4. Output Short-Circuit Protection
Fig 5. Output Short-Circuit Protection
VIN=2.5V, VCNTL=3.3V, VREFER=1.25V, Temp(IC Body) = 98
oC
Fig 7. Transient Response
VIN=1.8V, VCNTL=3.3V, VREFER=0.9V
Fig 8. Transient Response
-1.5A
Output Transient Voltage
VREFER=1.25V
Output Current
1.5A
-1.5A
Output Transient Voltage
VREFER=0.9V
Output Current
1.5A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com