Electronic Components Datasheet Search
  English  ▼

X  

AP1128SA Datasheet(PDF) 5 Page - Anachip Corp

Part # AP1128SA
Description  3A Bus Terminator Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1128SA Datasheet(HTML) 5 Page - Anachip Corp

  AP1128SA Datasheet HTML 1Page - Anachip Corp AP1128SA Datasheet HTML 2Page - Anachip Corp AP1128SA Datasheet HTML 3Page - Anachip Corp AP1128SA Datasheet HTML 4Page - Anachip Corp AP1128SA Datasheet HTML 5Page - Anachip Corp AP1128SA Datasheet HTML 6Page - Anachip Corp AP1128SA Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
3A Bus Terminator Regulator
AP1128
Anachip Corp.
www.anachip.com.tw
Rev.1.0 Jul 20, 2005
5/7
Typical Performance Characteristics (Continued)
Fig 9. Safe Operating Area
Marking Information
1128
Part Number
Logo
ID Code
Xth Week: 01~52
Year:
(Top View)
"02" = 2002
"01" = 2001
X X X X X
(TO252-5)
8
5
14
( Top View )
Logo
Part No.
ID code: internal
Year: "01" =2001
"02" =2002
Xth week: 01~52
AP1128
YY WW X
(SOP-8)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com