Electronic Components Datasheet Search
  English  ▼

X  

HM20N60 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM20N60
Description  the silicon N-channel Enhanced VDMOSFETs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM20N60 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM20N60 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM20N60 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM20N60 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM20N60 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM20N60 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM20N60 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM20N60 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM20N60 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM20N60 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics Curve:
Tc , Case Temperature , C
50
120
0
0
40
80
25
200
160
240
280
100
75
125
150
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
Rectangular Pulse Duration,Seconds
0
10
20
30
40
50
60
70
0
10
2030
405
Vds , Drain-to-Source Voltage , Volts
0
TC, CaseTemperature, C
75
25
0
50
100
125
150
0
5
25
20
15
10
100
Vds , Drain-to-Source Voltage , Volts
100
1
0.1
1
10
10
1000
10μs
Figure 2 Maximun Power Dissipation vs Case Temperature
Figure 4 Typical Output Characteristics
Figure 3 Maximum Continuous Drain Current vs Case Temperature
Figure 1 Maximun Forward Bias Safe Operating Area
100μs
10 ms
DC
OPERATION IN THIS AREA
MAY BE LIMITED BY RDS(ON)
TJ=MAX RATED
TC=25℃ Single Pulse
1 ms
PULSE TEST
Tc = 25℃
First: 15V
8V
7V
6.5V
6V
Sixth: 5.5V
First
Sixth
10%
1%
2%
Single pulse
5%
20%
50%
PDM
t2
t1
NOTES:
DUTY FACTOR :D=t1/ t2
PEAK Tj=PDM*ZthJC*RthJC+TC
Figure 5 Maximum Effective Thermal Impendance , Junction to Case
20N60



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com