Electronic Components Datasheet Search
  English  ▼

X  

HM20N60 Datasheet(PDF) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM20N60
Description  the silicon N-channel Enhanced VDMOSFETs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM20N60 Datasheet(HTML) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM20N60 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM20N60 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM20N60 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM20N60 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM20N60 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM20N60 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM20N60 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM20N60 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM20N60 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
0
0.2
0.4
0.6
0.8
1
1.2
1.4
46
8
10
12
14
Vgs , Gate to Source Voltage,Volts
0
0.5
1
1.5
2
2.5
3
-100
-50
0
50
100
150
200
Tj, Junction temperature , C
0
0.2
0.4
0.6
0.8
1
0
102030
4050607
Id , Drain Current , Amps
0
0.1
1
10
100
24
6
8
Vgs , Gate to Source Voltage , Volts
10
1.00E-01
1.00E-05
1.00E-04
1.00E-03
1.00E-02
Pulse Width Seconds
t
1.00E+00
1000
1.00E+01
100
10
VGS=10V
FOR TEMPERATURES
ABOVE 25℃ DERATE PEAK
CURRENT AS FOLLOWS:
⎥
⎦
⎤
⎢
⎣
⎡
−
=
125
150
25
C
T
I
I
TRANSCONDUCTANCE MAY LIMIT
CURRENT IN THIS REGION
Figure 6 Maximun Peak Current Capability
PULSE DURATION = 10μs
DUTY FACTOR = 0.5%MAX
Tc =25 ℃
PULSED TEST
VDS=50V
+150℃
+25℃
-55℃
ID= 18A
ID= 9A
ID= 4.5A
Figure 8 Typical Drain to Source ON Resistance vs Gate Voltage
and Drain Current
Figure 7 Typical Transfer Characteristics
PULSED TEST
Tc =25 ℃
VGS=10V
ID=3.0A
VGS=10V
VGS=20V
Figure 10 Typical Drian to Source on Resistance
vs Junction Temperature
Figure 9 Typical Drain to Source ON Resistance
vs Drain Current
20N60



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com