Electronic Components Datasheet Search
  English  ▼

X  

2SC4892 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # 2SC4892
Description  Silicon NPN triple diffusion planar type(For power switching)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC4892 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  2SC4892 Datasheet HTML 1Page - Panasonic Semiconductor 2SC4892 Datasheet HTML 2Page - Panasonic Semiconductor 2SC4892 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Power Transistors
2SC4892
Rth(t) —t
10–4
10
10–3
10–1
10–2
1103
102
104
0.1
1
10
100
10000
1000
Note: R
th was measured at Ta=25˚C and under natural convection.
(1) Without heat sink
(2) With a 50
× 50 × 2mm Al heat sink
(1)
(2)
Time t (s)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com