Electronic Components Datasheet Search
  English  ▼

X  

2SC4892 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC4892
Description  Silicon NPN triple diffusion planar type(For power switching)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC4892 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC4892 Datasheet HTML 1Page - Panasonic Semiconductor 2SC4892 Datasheet HTML 2Page - Panasonic Semiconductor 2SC4892 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Power Transistors
2SC4892
Silicon NPN triple diffusion planar type
For power switching
s Features
q
High-speed switching
q
High collector to base voltage VCBO
q
Satisfactory linearity of foward current transfer ratio hFE
q
Allowing supply with the radial taping
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Base current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCES
VCEO
VEBO
ICP
IC
IB
PC
Tj
Tstg
Ratings
900
900
800
7
2
1
0.3
15
2
150
–55 to +150
Unit
V
V
V
V
A
A
A
W
˚C
˚C
TC=25°C
Ta=25
°C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff current
Emitter cutoff current
Collector to emitter voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Turn-on time
Storage time
Fall time
Symbol
ICBO
IEBO
VCEO
hFE1
hFE2
VCE(sat)
VBE(sat)
fT
ton
tstg
tf
Conditions
VCB = 900V, IE = 0
VEB = 7V, IC = 0
IC = 1mA, IB = 0
VCE = 5V, IC = 0.05A
VCE = 5V, IC = 0.5A
IC = 0.2A, IB = 0.04A
IC = 0.2A, IB = 0.04A
VCE = 10V, IC = 0.05A, f = 1MHz
IC = 0.2A, IB1 = 0.04A, IB2 = – 0.08A,
VCC = 250V
min
800
6
3
typ
4
max
50
50
1.5
1
1
3
1
Unit
µA
µA
V
V
V
MHz
µs
µs
µs
Unit: mm
1:Base
2:Collector
3:Emitter
MT4 Type Package
1.0
10.0
±0.2
0.55
±0.1
2.5
±0.2
2.5
±0.2
5.0
±0.1
2.25
±0.2
1.2
±0.1
0.65
±0.1
0.55
±0.1
C1.0
90
°
C1.0
123
1.05
±0.1
0.35
±0.1


Similar Part No. - 2SC4892

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4890 SANYO-2SC4890 Datasheet
87Kb / 3P
Very High-Definition CRT Display Horizontal Deflection Output Applications?????????
2SC4891 SANYO-2SC4891 Datasheet
87Kb / 3P
Very High-Definition CRT Display Horizontal Deflection Output Applications??????????
logo
Inchange Semiconductor ...
2SC4891 ISC-2SC4891 Datasheet
257Kb / 2P
isc Silicon NPN Power Transistor
logo
Panasonic Semiconductor
2SC4893 PANASONIC-2SC4893 Datasheet
251Kb / 1P
Transistors (Selection Guide by Applications and Functions)
logo
Rohm
2SC4895 ROHM-2SC4895 Datasheet
91Kb / 1P
TAPED POWER TRANSISTOR PACKAGE FOR USE WITH AN AUTOMATIC PLACEMENT MACHINE
More results

Similar Description - 2SC4892

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB1653 PANASONIC-2SB1653 Datasheet
39Kb / 2P
Silicon PNP triple diffusion planar type(For power switching)
2SC4960 PANASONIC-2SC4960 Datasheet
58Kb / 3P
Silicon NPN triple diffusion planar type(For power switching)
2SD1250 PANASONIC-2SD1250 Datasheet
48Kb / 2P
Silicon NPN triple diffusion planar type(For power amplification)
2SD1252 PANASONIC-2SD1252 Datasheet
49Kb / 2P
Silicon NPN triple diffusion planar type(For power amplification)
2SD1266 PANASONIC-2SD1266 Datasheet
47Kb / 2P
Silicon NPN triple diffusion planar type(For power amplification)
2SD1274 PANASONIC-2SD1274 Datasheet
56Kb / 3P
Silicon NPN triple diffusion planar type(For power amplification)
2SD1985 PANASONIC-2SD1985 Datasheet
47Kb / 2P
Silicon NPN triple diffusion planar type(For power amplification)
2SD2000 PANASONIC-2SD2000 Datasheet
55Kb / 3P
Silicon NPN triple diffusion planar type(For power switching)
2SD2215 PANASONIC-2SD2215 Datasheet
49Kb / 2P
Silicon NPN triple diffusion planar type(Silicon NPN triple diffusion planar type)
2SD2266 PANASONIC-2SD2266 Datasheet
53Kb / 3P
Silicon NPN triple diffusion planar type(For power switching)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com