Electronic Components Datasheet Search
  English  ▼

X  

SCBRF Datasheet(PDF) 1 Page - Suntsu Electronics, Inc.

Part # SCBRF
Description  RF Antenna Cables
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTSU [Suntsu Electronics, Inc.]
Direct Link  https://suntsu.com/
Logo SUNTSU - Suntsu Electronics, Inc.

SCBRF Datasheet(HTML) 1 Page - Suntsu Electronics, Inc.

  SCBRF Datasheet HTML 1Page - Suntsu Electronics, Inc. SCBRF Datasheet HTML 2Page - Suntsu Electronics, Inc. SCBRF Datasheet HTML 3Page - Suntsu Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SCBRF Series
RF Antenna Cables
Call: +1-949-783-7300 | Fax: +1-949-783-7301
Specifications are subject
to change without notice.
www.suntsu.com
Suntsu Electronics, Inc.
142 TECHNOLOGY DR., SUITE 150
IRVINE, CA 92618
S CB RF - X 3A RA A P - SA M S - SA M S
P = PVC
F = FEP
MX = MCX
MM = MMCX
NY = N-TYPE
SA = SMA
RA = RP-SMA
P1 = IPEX MHF1
P4 = IPEX MHF4L
NC = None
M = Male
F = Female
Blank = None
S= Straight
R = Right Angle
Blank = None
e.g.
3A = 0-3.0GHz
6A = 0-6.0GHz
12A = 0-12.0GHz
e.g.
S1 = Ø1.37mm
S2 = Ø1.32mm
S3 = Ø1.13mm
S4 = Ø0.81mm
C1 = CFD-100
C2 = CFD-200
C3 = CFD-300
RA = RG-58
RD = RG-174
RG = RG-178
RJ = RG-213
RM = RG-316
A = 50Ω
B = 75Ω
e.g.
F = 0.5 Ft.
1A = 1.0 Ft.
1H = 1.7 Ft.
* Where letters denote decimal location (A=.0, B=.1, C=.2, etc.); e.g. B5=0.15, 3A5=3.05, 9A=9.0
SUNTSU
CABLE
RF
*LENGTH (in Ft.)
*FREQUENCY
CABLE TYPE
IMPEDANCE
Connector A Connector B
CABLE
MATERIAL
CONNECTOR
TYPE
CONNECTOR
GENDER
CONNECTOR
ORIENTATION
• High Quality RF Connectors
• Industry Standard Low Loss Shielded Cable
Options
• 50Ω Impedance Matched Connectors and Cables
• Custom Cable Lengths Available.
• Each Assembly Is Fully Tested Ensuring Highest
Quality
• High Speed Transmission
• GPS and Mobile Communications
• Bluetooth And IEEE802.11a/b/g
• Smart Grid / Industrial / Security
• Test And Measurement Applications
Features
Applications
RG-178
RG-58
Available Assemblies by End Connectors and Cable Type
Connector Type
SMA
RP-SMA
N-TYPE
MCX
MMCX
IPEX
RG-213
RG-316
Ø1.37mm Ø1.32mm Ø1.13mm
CFD-100 CFD-200
CFD-300
RG-174
Part Numbering Guide
Outline Drawing
Cable Construction
Male Straight
Male Straight
Male Straight
Male Straight
Male Straight
Male Right Angle
Male Right Angle
Male Right Angle
Male Right Angle
Male Right Angle
Male Right Angle
Female Straight
Female Straight
Female Straight
Female Straight
Female Straight
COMPLIANT
Ø.81mm


Similar Part No. - SCBRF

ManufacturerPart #DatasheetDescription
logo
SUN HOLD ELECTRIC INC
SCB-1-M-1240-D SUNHOLD-SCB-1-M-1240-D Datasheet
671Kb / 3P
SCB(M) SERIES
SCB-1-M-1240-D1 SUNHOLD-SCB-1-M-1240-D1 Datasheet
671Kb / 3P
SCB(M) SERIES
SCB-1-M-1240-R1 SUNHOLD-SCB-1-M-1240-R1 Datasheet
671Kb / 3P
SCB(M) SERIES
SCB-1-M-1240-R2 SUNHOLD-SCB-1-M-1240-R2 Datasheet
671Kb / 3P
SCB(M) SERIES
SCB-1-M-1260-D SUNHOLD-SCB-1-M-1260-D Datasheet
671Kb / 3P
SCB(M) SERIES
More results

Similar Description - SCBRF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M10214-A ETC2-M10214-A Datasheet
499Kb / 7P
GPS RADIONOVA짰 RF Antenna Module
M10477 ETC2-M10477 Datasheet
3Mb / 29P
GPS RADIONOVA짰 RF Antenna Module
M10478 ETC2-M10478 Datasheet
5Mb / 30P
GPS RADIONOVA짰 RF Antenna Module
logo
Sumida Corporation
AS705B SUMIDA-AS705B Datasheet
50Kb / 2P
Antenna < Transponder : RF-ID [TX] >
AS224 SUMIDA-AS224 Datasheet
174Kb / 2P
Antenna < Transponder: RF-ID ( TX ) >
logo
Red Lion Controls. Inc
ANT-CAB-400-N-RPXXX-Y REDLION-ANT-CAB-400-N-RPXXX-Y Datasheet
447Kb / 1P
Antenna Cables
logo
Taoglas antenna solutio...
PC.30.07.0100A TAOGLAS-PC.30.07.0100A Datasheet
336Kb / 7P
High antenna RF efficiency
PC.30.09.0100A TAOGLAS-PC.30.09.0100A Datasheet
322Kb / 7P
High antenna RF efficiency
logo
Advantech Co., Ltd.
100M-SBSW1-24 ADVANTECH-100M-SBSW1-24 Datasheet
414Kb / 1P
LMRx Antenna Cables
logo
PHOENIX CONTACT
106760 PHOENIX-106760 Datasheet
661Kb / 12P
Mobile antennas and antenna cables
2019-06-05
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com