Electronic Components Datasheet Search
  English  ▼

X  

SCBRF Datasheet(PDF) 3 Page - Suntsu Electronics, Inc.

Part # SCBRF
Description  RF Antenna Cables
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTSU [Suntsu Electronics, Inc.]
Direct Link  https://suntsu.com/
Logo SUNTSU - Suntsu Electronics, Inc.

SCBRF Datasheet(HTML) 3 Page - Suntsu Electronics, Inc.

  SCBRF Datasheet HTML 1Page - Suntsu Electronics, Inc. SCBRF Datasheet HTML 2Page - Suntsu Electronics, Inc. SCBRF Datasheet HTML 3Page - Suntsu Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SCBRF Series
RF Antenna Cables
Call: +1-949-783-7300 | Fax: +1-949-783-7301
Specifications are subject
to change without notice.
www.suntsu.com
Suntsu Electronics, Inc.
142 TECHNOLOGY DR., SUITE 150
IRVINE, CA 92618
Connector Electrical Parameters (Cont.)
VSWR
≤1.5
Impedance
50Ω ±2Ω
Working Voltage
≤170Vrms
Dielectric Withstanding
≤500Vrms
Insulation Resistance
≥1000MΩ
Working Temperature
-65ºC - 165ºC
Contact Resistance
5.0mΩ
Center
1.0mΩ
Outer
Material
Brass
Body
Brass
Contact
Teflon
Insulator
Male Straight
Female Straight
Male Right Angle
VSWR
≤1.5
Impedance
50Ω ±2Ω
Working Voltage
≤170Vrms
Dielectric Withstanding
≤500Vrms
Insulation Resistance
≥1000MΩ
Working Temperature
-55ºC - 155ºC
Contact Resistance
5.0mΩ
Center
1.0mΩ
Outer
Material
Brass
Body
Brass
Contact
Teflon
Insulator
Male Straight
Female Straight
Male Right Angle
VSWR
≤1.5
Impedance
50Ω ±2Ω
Working Voltage
≤1000Vrms
Dielectric Withstanding
≤2500Vrms
Insulation Resistance
≥5000MΩ
Working Temperature
-65ºC - 165ºC
Contact Resistance
1.0mΩ
Center
1.0mΩ
Outer
Material
Brass
Body
Brass
Contact
Teflon
Insulator
Male Straight
Female Straight
Male Right Angle
VSWR
1.3MAX @ 0.1-3GHz, 1.5MAX @ 3-6GHz
Impedance
50Ω ±2Ω
Working Voltage
≤200Vrms
Dielectric Withstanding
No Creep, Flashover.
Insulation Resistance
≥500MΩ
Working Temperature
-40ºC - 90ºC
Contact Resistance
20.0mΩ
Center
10.0mΩ
Outer
Material
Copper Alloy
Body
Copper Alloy
Contact
PBT
Insulator
Male Right Angle
MCX
MMCX
N-TYPE
IPEX - MHF1
VSWR
1.3MAX @ 0.1-3GHz, 1.5MAX @ 3-6GHz
Impedance
50Ω ±2Ω
Working Voltage
≤200Vrms
Dielectric Withstanding
No Creep, Flashover.
Insulation Resistance
≥500MΩ
Working Temperature
-40ºC - 90ºC
Contact Resistance
20.0mΩ
Center
10.0mΩ
Outer
Material
Copper Alloy
Body
Copper Alloy
Contact
PBT
Insulator
Male Right Angle
IPEX - MHF4L



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com