Electronic Components Datasheet Search
  English  ▼

X  

XC2301 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC2301
Description  Tri-State Buffer ICs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2301 Datasheet(HTML) 4 Page - Torex Semiconductor

  XC2301 Datasheet HTML 1Page - Torex Semiconductor XC2301 Datasheet HTML 2Page - Torex Semiconductor XC2301 Datasheet HTML 3Page - Torex Semiconductor XC2301 Datasheet HTML 4Page - Torex Semiconductor XC2301 Datasheet HTML 5Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
XC2301 Series
120
1
GAC Electrical Characteristics
(Unless otherwise stated, VDD=3.3V, No Load, Ta=25℃)
Reference Value : XC2301C51V (fQ0 = fin/1)
(Unless otherwise stated, VDD=3.3V, No Load, Ta=25℃)
*1) 0.5VDD
*2) 0.1VDD
→0.9VDD
*3) 0.9VDD
→0.1VDD
*1) 0.5VDD
*2) 0.1VDD
→0.9VDD
*3) 0.9VDD
→0.1VDD
Reference Value : XC2301C52V (fQ0 = fin/2), XC2301C54V (fQ0=fin/4), XC2301C58V (fQ0=fin/8)
(Unless otherwise stated, VDD=3.3V, No Load, Ta=25℃)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Operating Frequency
fmax
MHz
160
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input amplitude
Output Duty Cycle (*1)
Output Rise Time (*2)
Output Fall Time (*3)
tr
DUTY
Vipp
fin=70MHz, CL=30pF, Vipp=0.5Vpp
fin=160MHz, CL=15pF, Vipp=1.0Vpp
fin=70MHz, CL=30pF, Vipp=0.5Vpp
60
Vpp
%
3.0
4.5
3.0
4.5
(1.7)
(2.7)
(1.7)
(2.7)
0.5
40
ns
ns
ns
ns
tf
fin=160MHz, CL=15pF, Vipp=1.0Vpp
fin=70MHz, CL=30pF, Vipp=0.5Vpp
fin=160MHz, CL=15pF, Vipp=1.0Vpp
fin=125MHz, CL=15pF, Vipp=0.5Vpp
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input amplitude
Output Duty Cycle (*1)
Output Rise Time (*2)
Output Fall Time (*3)
tr
DUTY
Vipp
fin=70MHz, CL=30pF, Vipp=0.5Vpp
fin=160MHz, CL=15pF, Vipp=1.0Vpp
fin=70MHz, CL=30pF, Vipp=0.5Vpp
55
Vpp
%
3.0
4.5
3.0
4.5
(1.7)
(2.7)
(1.7)
(2.7)
0.5
45
ns
ns
ns
ns
tf
fin=160MHz, CL=15pF, Vipp=1.0Vpp
fin=70MHz, CL=30pF, Vipp=0.5Vpp
fin=160MHz, CL=15pF, Vipp=1.0Vpp
fin=125MHz, CL=15pF, Vipp=0.5Vpp
SYMBOL
01S_18XC2301 02.09.12 11:41 ページ 120



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com