Electronic Components Datasheet Search
  English  ▼

X  

XC2301 Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC2301
Description  Tri-State Buffer ICs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2301 Datasheet(HTML) 5 Page - Torex Semiconductor

  XC2301 Datasheet HTML 1Page - Torex Semiconductor XC2301 Datasheet HTML 2Page - Torex Semiconductor XC2301 Datasheet HTML 3Page - Torex Semiconductor XC2301 Datasheet HTML 4Page - Torex Semiconductor XC2301 Datasheet HTML 5Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
XC2301
Series
121
1
■Switching Waveforms
(1) Switching Time
0.9VDD
0.1VDD
0.9VDD
0.1VDD
tf
tr
TW
T
DUTY=(TW/T)×100[%]
DUTY Measurement Level
0.5VDD
(2) Duty Cycle
*) The feedback resistor (fixed) Rf must be connected.
*) When the duty needs to be adjusted because of power
supply and/or input amplitude, duty resistor (fixed) Rb
should be connected.
<Reference Peripheral Values : Rf, Rb, Cin >
VDD=3.3V, fin=160MHz, Vipp=0.5Vpp
CIN = 10000 [pF]
Rf = 51 [k
Ω]
Rb = 360 [k
Ω]
■Supply Current, Duty Measurement Circuit
Q0
VDD
INH
VSS
XT
XT
CL
Rf
Rb
CIN
01S_18XC2301 02.09.12 11:41 ページ 121



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com