Electronic Components Datasheet Search
  English  ▼

X  

TLV9101 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9101
Description  TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9101 Datasheet(HTML) 1 Page - Texas Instruments

  TLV9101 Datasheet HTML 1Page - Texas Instruments TLV9101 Datasheet HTML 2Page - Texas Instruments TLV9101 Datasheet HTML 3Page - Texas Instruments TLV9101 Datasheet HTML 4Page - Texas Instruments TLV9101 Datasheet HTML 5Page - Texas Instruments TLV9101 Datasheet HTML 6Page - Texas Instruments TLV9101 Datasheet HTML 7Page - Texas Instruments TLV9101 Datasheet HTML 8Page - Texas Instruments TLV9101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
R
G
R
F
R
1
C
1
V
IN
V
OUT
= 1 +
V
V
OUT
IN
R
R
F
G
1
1 + sR C
1
1
(
((
(
1
2pR C
1
1
f
=
-
3 dB
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLV9101, TLV9102, TLV9104
SBOS943C – FEBRUARY 2019 – REVISED MAY 2020
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
1
1 Features
1
•
Rail-to-rail input and output
•
Wide bandwidth: 1.1-MHz GBW
•
Low quiescent current: 120 µA per amplifier
•
Low offset voltage: ±300 µV
•
Low offset voltage drift: ±0.6 µV/°C
•
Low noise: 28 nV/
√Hz at 10 kHz
•
High common-mode rejection: 110 dB
•
Low bias current: ±10 pA
•
High slew rate: 4.5 V/µs
•
Wide supply: ±1.35 V to ±8 V, 2.7 V to 16 V
•
Robust EMIRR performance: 77 dB at 1.8 GHz
2 Applications
•
Optical modules
•
Portable test and measurement
•
Macro remote radio unit (RRU)
•
Baseband unit (BBU)
•
Appliances
3 Description
The
TLV910x
family
(TLV9101,
TLV9102,
and
TLV9104) is a family of 16-V general purpose
operational amplifiers. This family offers excellent DC
precision and AC performance, including rail-to-rail
input/output, low offset (±300 µV, typ), low offset drift
(±0.5 µV/°C, typ), and 1.1-MHz bandwidth.
Wide differential and common-mode input-voltage
range, high output current (±80 mA), high slew rate
(4.5 V/µs), low power operation (120 µA, typ) and
shutdown functionality make the TLV910x a robust,
low-power, high-performance operational amplifier for
industrial applications.
The TLV910x family of op amps is available in micro-
size packages, as well as standard packages, and is
specified from –40°C to 125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV9101
SOT-23 (5)
2.90 mm × 1.60 mm
SOT-23 (6)
2.90 mm × 1.60 mm
SC70 (5)
2.00 mm × 1.25 mm
SOT-553 (5)(2)
1.60 mm × 1.20 mm
TLV9102
SOIC (8)
4.90 mm × 3.90 mm
SOT-23 (8)(2)
2.90 mm × 1.60 mm
TSSOP (8)
3.00 mm × 4.40 mm
VSSOP (8)(2)
3.00 mm × 3.00 mm
VSSOP (10)
3.00 mm × 3.00 mm
WSON (8)
2.00 mm × 2.00 mm
X2QFN (10)
1.50 mm × 1.50 mm
TLV9104
SOIC (14)
8.65 mm × 3.90 mm
TSSOP (14)
5.00 mm × 4.40 mm
WQFN (16)(2)
3.00 mm × 3.00 mm
X2QFN (14)(2)
2.00 mm × 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) This package is preview only.
TLV910x in a Single-Pole, Low-Pass Filter


Similar Part No. - TLV9101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9101 TI1-TLV9101 Datasheet
896Kb / 32P
16-V, 1.25-MHz, rail-to-rail input/output, low power op amp
TLV9101 TI1-TLV9101 Datasheet
2Mb / 50P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
TLV9101 TI1-TLV9101 Datasheet
3Mb / 58P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
TLV9101 TI1-TLV9101 Datasheet
4Mb / 64P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
TLV9101 TI1-TLV9101 Datasheet
4Mb / 66P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
More results

Similar Description - TLV9101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9101 TI1-TLV9101 Datasheet
896Kb / 32P
16-V, 1.25-MHz, rail-to-rail input/output, low power op amp
TLV9101 TI1-TLV9101_V01 Datasheet
2Mb / 50P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
TLV9101 TI1-TLV9101_V02 Datasheet
3Mb / 58P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
TLV9101 TI1-TLV9101_V03 Datasheet
4Mb / 64P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
TLV9101 TI1-TLV9101_V04 Datasheet
4Mb / 66P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
TLV9101 TI1-TLV9101_V05 Datasheet
4Mb / 66P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
TLV9101 TI-TLV9101_V06 Datasheet
5Mb / 74P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
TLV9101 TI-TLV9101_V08 Datasheet
5Mb / 79P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
TLV9101 TI-TLV9101_V09 Datasheet
6Mb / 81P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
AUGUST 2021
TLV9161 TI-TLV9161 Datasheet
5Mb / 67P
TLV916x 16-V, 11-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com