Electronic Components Datasheet Search
  English  ▼

X  

TLV9101 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9101
Description  TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9101 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLV9101 Datasheet HTML 12Page - Texas Instruments TLV9101 Datasheet HTML 13Page - Texas Instruments TLV9101 Datasheet HTML 14Page - Texas Instruments TLV9101 Datasheet HTML 15Page - Texas Instruments TLV9101 Datasheet HTML 16Page - Texas Instruments TLV9101 Datasheet HTML 17Page - Texas Instruments TLV9101 Datasheet HTML 18Page - Texas Instruments TLV9101 Datasheet HTML 19Page - Texas Instruments TLV9101 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 76 page
background image
Output Current (mA)
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-40qC
25qC
85qC
125qC
D013
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
100
110
100
1k
10k
100k
1M
10M
C003
PSRR+
PSRR-
CMRR
Output Current (mA)
0
10
20
30
40
50
60
70
80
90
100
V
V + 1 V
V + 2 V
V + 3 V
V + 4 V
V + 5 V
V + 6 V
V + 7 V
V + 8 V
V + 9 V
V + 10 V
D012
-40°C
25°C
85°C
125°C
Output Current (mA)
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-40qC
25qC
85qC
125qC
D013
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
-40
0
40
80
120
160
200
240
280
320
D011
IB
IB+
IOS
Output Current (mA)
0
10
20
30
40
50
60
70
80
90
100
V+
V+
1 V
V+
2 V
V+
3 V
V+
4 V
V+
5 V
V+
6 V
V+
7 V
V+
8 V
V+
9 V
V+
10 V
D012
-40°C
25°C
85°C
125°C
16
TLV9101, TLV9102, TLV9104
SBOS943C – FEBRUARY 2019 – REVISED MAY 2020
www.ti.com
Product Folder Links: TLV9101 TLV9102 TLV9104
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = ±8 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
Figure 13. Input Bias Current vs Temperature
Figure 14. Output Voltage Swing vs Output Current
(Sourcing)
Figure 15. Output Voltage Swing vs Output Current
(Sinking)
VS = 5 V, RL
connected to V–
Figure 16. Output Voltage Swing vs Output Current
(Sourcing)
VS = 5 V, RL
connected to V+
Figure 17. Output Voltage Swing vs Output Current
(Sinking)
Figure 18. CMRR and PSRR vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com