Electronic Components Datasheet Search
  English  ▼

X  

M3LPA2 Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # M3LPA2
Description  Space-saving Signal Conditioners M3-UNIT Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M3LPA2 Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  M3LPA2 Datasheet HTML 1Page - M-System Co.,Ltd. M3LPA2 Datasheet HTML 2Page - M-System Co.,Ltd. M3LPA2 Datasheet HTML 3Page - M-System Co.,Ltd. M3LPA2 Datasheet HTML 4Page - M-System Co.,Ltd. M3LPA2 Datasheet HTML 5Page - M-System Co.,Ltd. M3LPA2 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MODEL: M3LPA2
M3LPA2 SPECIFICATIONS
ES-2657 Rev.8 Page 5/6
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
10 11 12
7
8
9
4
5
6
1
2
3
18 (.71)
110.5 (4.35)
[5 (.20)]
• When mounting, no extra space is needed between units.
DIN RAIL
35mm wide



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com