Electronic Components Datasheet Search
  English  ▼

X  

M3LPA2 Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # M3LPA2
Description  Space-saving Signal Conditioners M3-UNIT Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M3LPA2 Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  M3LPA2 Datasheet HTML 1Page - M-System Co.,Ltd. M3LPA2 Datasheet HTML 2Page - M-System Co.,Ltd. M3LPA2 Datasheet HTML 3Page - M-System Co.,Ltd. M3LPA2 Datasheet HTML 4Page - M-System Co.,Ltd. M3LPA2 Datasheet HTML 5Page - M-System Co.,Ltd. M3LPA2 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MODEL: M3LPA2
M3LPA2 SPECIFICATIONS
ES-2657 Rev.8 Page 6/6
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Waveform
Shaper
+
–
Isolation
3
Output
Driver
Digital
Computation
CONFIGURATOR
JACK
7
8
9
11
DIP SW
OUTPUT
5
4
6
1
2
Excitation
Supply
STATUS
RS-422
Receiver
INPUT *
1
Waveform
Shaper
+
–
+
–
Isolation
3
Output
Driver
Digital
Computation
CONFIGURATOR
JACK
7
8
11
9
10
12
DIP SW
OUTPUT
DC POWER
5
4
6
1
2
Excitation
Supply
STATUS
RS-422
Receiver
INPUT *
1
■ Open Collector
*1. Input Connection Examples
■ Two-wire Current Pulse
• Built-in Excitation
■ Mechanical Contact
6
5
6
5
INPUT
4
5
3
6
5
4
5
6
■ Excitation Supply
EXCITATION
3
6
100 Ω
100 Ω
■ Voltage Pulse
6
5
INPUT
■ RS-422 Line Driver Pulse
1
2
+
–
+
–
+
–
+
–
+
–
• External DC Supply
■ AC POWERED TYPE
■ DC POWERED TYPE
V
10
12
AC POWER
U
*
2
*2. Be aware that the AC power and DC power connect to different terminals.
*
2
CONTROL BUTTONS
CONTROL BUTTONS
DC SUPPLY
2-WIRE
PICK-UP
2-WIRE
PICK-UP
+
–
–
+
+
–
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com