Electronic Components Datasheet Search
  English  ▼

X  

MCH554FN107ZP Datasheet(PDF) 2 Page - Rohm

Part # MCH554FN107ZP
Description  Multi-layer ceramic chip capacitors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCH554FN107ZP Datasheet(HTML) 2 Page - Rohm

  MCH554FN107ZP Datasheet HTML 1Page - Rohm MCH554FN107ZP Datasheet HTML 2Page - Rohm MCH554FN107ZP Datasheet HTML 3Page - Rohm MCH554FN107ZP Datasheet HTML 4Page - Rohm MCH554FN107ZP Datasheet HTML 5Page - Rohm MCH554FN107ZP Datasheet HTML 6Page - Rohm MCH554FN107ZP Datasheet HTML 7Page - Rohm MCH554FN107ZP Datasheet HTML 8Page - Rohm MCH554FN107ZP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MCH55
Ceramic capacitors
2/9
Product designation
Rated voltage
Part No.
Code
Packing Style
Reel (
φ180mm) : compatible with EIAJ ET-7200A
Voltage
Capacitance tolerance
Code
Tolerance
Nominal
capacitance
3-digit
designation
according
to IEC
Temperature characteristic code
: Refer to quick reference table.
MC H
5
8
4
3
2
5
1
53
F
0 7
Code
P
P
P
Product thickness
2.0mm
2.3mm
2.5mm
Packing specification
Plustic tape (width 8mm, pitch 4mm)
Plustic tape (width 8mm, pitch 4mm)
Plustic tape (width 8mm, pitch 4mm)
Reel
φ180mm (7in.)
φ180mm (7in.)
φ180mm (7in.)
Basic ordering unit (pcs.)
500
500
500
ZP
6.3V
10V
16V
25V
50V
N
±10%
±20%
+80%, −20%
K
M
Z
Performance and test method
Items
Performance
Appearance and
dimensions
No marked defects shall be allowed
for appearance.
Dimensions shall be as specified the
clause 4.
Test Method
(As per JIS C 5101-1, JIS C 5101-10)
As per 4.4 of JIS C 5101-1.
As per 4.5 of JIS C 5101-10
Using a Magnifier.
As per 4.5 of JIS C 5101-1.
As per 4.6.3 of JIS C 5101-10
Measurements shall be made after
60
+/−5s period of the rated voltage
applied.
As per 4.6 of JIS C 5101-1.
As per 4.6.4 of JIS C 5101-10
Voltage shall be applied as per Table1.
As per 4.7 of JIS C 5101-1.
As per 4.6.1 of JIS C 5101-10
Measurements shall be made under the
conditions specified in Table 2.
No.
1
Withstanding voltage
No dielectrical breakdown or other
damage shall be allowed.
Capacitance shall be
within specified tolerance range.
2
Insulation resistance
3
Capacitance
4
Table 1
Charac-
teristic
Voltage
250% Rated voltage
CN
FN
Table 2
Voltage shall be applied for 1 to 5s with
50mA charging and discharging current.
Not less than 10000M
Ω or
100M
Ω µF, whichever is less.
Charac-
teristic
CN
FN
<
− 10µF
> 10
µF
1
+/−0.1kHz
1
+/−0.2Vrms.
120
+/−24Hz
0.5
+/−0.2Vrms.
Frequency
Voltage
Dielectric loss tangent
As per 4.8 of
JIS C 5101-1.
As per 4.6.2 of
JIS C 5101-10
Measurements shall be made under the
conditions specified in Table 2.
5
C N
F N
tan
δ 7.5%
<
−
<
Rated voltage=16V
tan
δ 10.0%
−



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com