Electronic Components Datasheet Search
  English  ▼

X  

MCH554FN107ZP Datasheet(PDF) 6 Page - Rohm

Part # MCH554FN107ZP
Description  Multi-layer ceramic chip capacitors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCH554FN107ZP Datasheet(HTML) 6 Page - Rohm

Back Button MCH554FN107ZP Datasheet HTML 2Page - Rohm MCH554FN107ZP Datasheet HTML 3Page - Rohm MCH554FN107ZP Datasheet HTML 4Page - Rohm MCH554FN107ZP Datasheet HTML 5Page - Rohm MCH554FN107ZP Datasheet HTML 6Page - Rohm MCH554FN107ZP Datasheet HTML 7Page - Rohm MCH554FN107ZP Datasheet HTML 8Page - Rohm MCH554FN107ZP Datasheet HTML 9Page - Rohm MCH554FN107ZP Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MCH55
Ceramic capacitors
6/9
Items
Performance
Heat life
test
Test Method
(As per JIS C 5101-1, JIS C 5101-10)
No.
15
F N
F N
Within
+/−30%
Appearance
Dielectric
loss
tangent
Insulation
resistance
Change
rate from
initial value
Without mechanical damage.
C N
C N
Not less than 1000M
Ω or
10M
Ω µF, whichever is less.
As per 4.23 of JIS C 5101-1.
As per 4.15 of JIS C 5101-10
Test
temperature(
°C)
Voltage
Test
time (h)
85
(B X5R)
200%
Rated
voltage
200%
Rated
voltage
1000
+48/−0
1000
+48/−0
85
CN
FN
Initial measurements prior to test shall be
made after the voltage pre-conditioning
specified in Remarks (2).
Final measurements shall be made after
the specimens have been left at room
temperature
[Remarks]
Pre-conditioning
If specified in test method of as per 3(Performance and test method), capacitors of CN, FN
characteristics shall be pre-conditionded as follows.
(1) Thermal pre-conditioning
Prior to initial measurements, specimens shall be conditioned at a temperature of 150 0
/−10
°C
for a period of 1hr., and shall be allowed to stabilize at room temperature for 48
+/−4h
(2) Voltage pre-conditioning
Prior to initial measurements, voltage specified as a test condition shall be applied to specimens
for a period of 1hr., and the specimens shall be allowed to stabilize at room temperature for 48
+/−4h
Soldering
Glass epoxy
substrate
< T e s t j i g >
Within
+/−15%
Less than 200% of
initial spec.
Less than 150% of
initial spec.
Table3
48
+/−4 h
Charac-
teristic
Time
CN, FN



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com