Electronic Components Datasheet Search
  English  ▼

X  

HT83009 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT83009
Description  Q-Voice
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83009 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT83009 Datasheet HTML 3Page - Holtek Semiconductor Inc HT83009 Datasheet HTML 4Page - Holtek Semiconductor Inc HT83009 Datasheet HTML 5Page - Holtek Semiconductor Inc HT83009 Datasheet HTML 6Page - Holtek Semiconductor Inc HT83009 Datasheet HTML 7Page - Holtek Semiconductor Inc HT83009 Datasheet HTML 8Page - Holtek Semiconductor Inc HT83009 Datasheet HTML 9Page - Holtek Semiconductor Inc HT83009 Datasheet HTML 10Page - Holtek Semiconductor Inc HT83009 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
V vs. F Characteristics Curve
HT83XXX
Rev. 0.10
7
August 25, 2003
Preliminary
V D D ( V )
1 0
8
6
4
2
2 . 4
2 . 6
2 . 8
3
3 . 2
3 . 4
3 . 6
3 . 8
4
4 . 2
4 . 4
4 . 6
4 . 8
5
5 . 2
V D D ( V )
1 0
8
6
4
2
4 . 5
2 . 4
2 . 6
2 . 8
3
3 . 2
3 . 4
3 . 6
3 . 8
4
4 . 2
4 . 4
4 . 6
4 . 8
5
5 . 2
4 . 5
H T 8 3 X X X V v s . F C h a r t ( F o r 3 . 0 V )
H T 8 3 X X X V v s . F C h a r t ( F o r 4 . 5 V )
8 M H z / 6 3 k 9
6 M H z / 7 8 k 9
4 M H z / 1 0 4 k 9
4 M H z / 1 1 3 k 9
6 M H z / 8 3 k 9
8 M H z / 6 7 k 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com