Electronic Components Datasheet Search
  English  ▼

X  

HT83009 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT83009
Description  Q-Voice
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83009 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT83009 Datasheet HTML 13Page - Holtek Semiconductor Inc HT83009 Datasheet HTML 14Page - Holtek Semiconductor Inc HT83009 Datasheet HTML 15Page - Holtek Semiconductor Inc HT83009 Datasheet HTML 16Page - Holtek Semiconductor Inc HT83009 Datasheet HTML 17Page - Holtek Semiconductor Inc HT83009 Datasheet HTML 18Page - Holtek Semiconductor Inc HT83009 Datasheet HTML 19Page - Holtek Semiconductor Inc HT83009 Datasheet HTML 20Page - Holtek Semiconductor Inc HT83009 Datasheet HTML 21Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Application Circuits
Single PWM Mode
Note:
* For normal application, a capacitor C is not necessary. However, if you want to extend the reset time,a0.1
mF
capacitor can be placed on the RES pin.
HT83XXX
Rev. 0.10
19
August 25, 2003
Preliminary
Mask Option
Mask Option
Description
PA Wake-up
Enable or disable PA wake-up function
Watchdog Timer (WDT)
Enable or disable WDT function
WDT clock source is from WDTOSC or T1
PA Pull-high
Enable or disable PA pull-high
fOSC
- ROSC Table (VDD=5V)
fOSC
ROSC
4MHz
±10%
6MHz
±10%
8MHz
±10%
100k
W
75k
W
62k
W
R E S
V D D
O S C 1
0 6 & ! : : :
S p e a k e r
( 8 / 1 6 )
P W M 1
P A 0 ~ P A 7
V D D
R ( 1 0 0 k W ~ 6 2 k W )
V S S
V D D
P W M 2
V D D A
V S S A
4 7 m F
C
0 . 1 m F
O S C 1
0 6 & ! : : :
S p e a k e r
( 8 / 1 6 )
P W M 1
R ( 1 0 0 k W ~ 6 2 k W )
V D D
P W M 2
V D D A
V S S A
4 7 m F
V D D
Q 2
N P N B C E
R E S
V D D
P A 0 ~ P A 7
V D D
V S S
C
0 . 1 m F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com