Electronic Components Datasheet Search
  English  ▼

X  

TMUX7211 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7211
Description  TMUX721x 44 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7211 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX7211 Datasheet HTML 17Page - Texas Instruments TMUX7211 Datasheet HTML 18Page - Texas Instruments TMUX7211 Datasheet HTML 19Page - Texas Instruments TMUX7211 Datasheet HTML 20Page - Texas Instruments TMUX7211 Datasheet HTML 21Page - Texas Instruments TMUX7211 Datasheet HTML 22Page - Texas Instruments TMUX7211 Datasheet HTML 23Page - Texas Instruments TMUX7211 Datasheet HTML 24Page - Texas Instruments TMUX7211 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
8.3 On-Leakage Current
Source on-leakage current is defined as the leakage current flowing into or out of the source pin when the switch
is on. This current is denoted by the symbol IS(ON).
Drain on-leakage current is defined as the leakage current flowing into or out of the drain pin when the switch is
on. This current is denoted by the symbol ID(ON).
Either the source pin or drain pin is left floating during the measurement. Figure 8-3 shows the circuit used for
measuring the on-leakage current, denoted by IS(ON) or ID(ON).
S1
GND
VS
D1
A
Is (ON)
VDD
VSS
IS(ON)
S1
GND
D1
VD
VDD
VSS
ID(ON)
ID (ON)
A
S4
VS
A
Is (ON)
D4
S4
D4
ID (ON)
A
VD
N.C.
N.C.
N.C.
N.C.
Figure 8-3. On-Leakage Measurement Setup
8.4 tON and tOFF Time
Turn-on time is defined as the time taken by the output of the device to rise to 90% after the enable has risen
past the logic threshold. The 90% measurement is utilized to provide the timing of the device. System level
timing can then account for the time constant added from the load resistance and load capacitance. Figure 8-4
shows the setup used to measure turn-on time, denoted by the symbol tON.
Turn-off time is defined as the time taken by the output of the device to fall to 10% after the enable has fallen
past the logic threshold. The 10% measurement is utilized to provide the timing of the device. System level
timing can then account for the time constant added from the load resistance and load capacitance. Figure 8-4
shows the setup used to measure turn-off time, denoted by the symbol tOFF.
3 V
VEN
0 V
50%
50%
tON
tOFF
10%
90%
Output
tr < 20 ns
tf < 20 ns
VDD
VSS
VDD
VSS
0.1 µF
0.1 µF
GND
0 V
VSELx
Sx
Dx
Output
CL
RL
Figure 8-4. Turn-On and Turn-Off Time Measurement Setup
www.ti.com
TMUX7211, TMUX7212, TMUX7213
SCDS416B – OCTOBER 2020 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMUX7211 TMUX7212 TMUX7213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com