Electronic Components Datasheet Search
  English  ▼

X  

TMUX7462F Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7462F
Description  TMUX7462F 짹60 V Fault-Protected, Latch-Up Immune, Quad Channel Protector with Adjustable Fault Threshold and 1.8-V Logic
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7462F Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMUX7462F Datasheet HTML 14Page - Texas Instruments TMUX7462F Datasheet HTML 15Page - Texas Instruments TMUX7462F Datasheet HTML 16Page - Texas Instruments TMUX7462F Datasheet HTML 17Page - Texas Instruments TMUX7462F Datasheet HTML 18Page - Texas Instruments TMUX7462F Datasheet HTML 19Page - Texas Instruments TMUX7462F Datasheet HTML 20Page - Texas Instruments TMUX7462F Datasheet HTML 21Page - Texas Instruments TMUX7462F Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
14.6 Fault Drain Enable Time
tRESPONSE(DR) represents the delay between the voltage at the DR pin falling from a high to low signal and the
output of the drain pin reaching 90% of the fault supplies (VFP or VFN). tRESPONSE(DR) is a measure of how
quickly the internal pull-up engages in response to the DR pin. Figure 14-7 shows the setup used to measure
tRESPONSE(DR).
tRESPONSE(DR)_FP
Output (VD)
0 V
VFP x 0.9
tRESPONSE(DR) = max ( tRESPONSE(DR)_FP, tRESPONSE(DR)_FN)
VFP
0 V
1.5V
0 V
GND
RL
VS
GND
CL
GND
Sx
GND
GND
Dx
All other
source &
drain pins
SW
VDR
VDD VSS
VFP VFN
VDD
VSS
0.1 µF
GND
0.1 µF
GND
0.1 µF
GND
VFN
0.1 µF
GND
VFP
3 V
1.5V
3 V
VFN
VFN x 0.9
VDR
Output (VD)
tRESPONSE(DR)_FN
VDR
GND
DR
VS > VFP + VT (to measure tRECOVERY(DR)_FP) or
VS < VFN - VT (to measure tRECOVERY(DR)_FN)
Figure 14-7. Fault Drain Enable Time Measurement Setup
14.7 Inter-Channel Crosstalk
Figure 14-8 shows how the inter-channel crosstalk (XTALK(INTER)) is measured as the voltage at the source pin
(Sx) of an on-switch input, when a 1-VRMS signal is applied at the source pin of an on-switch input in a different
channel.
+JPAN F ?D=JJAH %NKOOP=HG = 20 × .KC
8176
85
GND
SX
VS
VOUT
RS
50Ÿ
Network Analyzer
50Ÿ
50Ÿ
50Ÿ
Other
Sx/ Dx
pins
SW
DX
SY
DY
VDD VSS
VFP VFN
VDD
VSS
0.1 µF
GND
0.1 µF
GND
0.1 µF
GND
VFN
0.1 µF
GND
VFP
SW
Figure 14-8. Inter-Channel Crosstalk Measurement Setup
TMUX7462F
SCDS394 – MARCH 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX7462F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com