Electronic Components Datasheet Search
  English  ▼

X  

TMUX7212 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7212
Description  TMUX721x 44 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7212 Datasheet(HTML) 4 Page - Texas Instruments

  TMUX7212 Datasheet HTML 1Page - Texas Instruments TMUX7212 Datasheet HTML 2Page - Texas Instruments TMUX7212 Datasheet HTML 3Page - Texas Instruments TMUX7212 Datasheet HTML 4Page - Texas Instruments TMUX7212 Datasheet HTML 5Page - Texas Instruments TMUX7212 Datasheet HTML 6Page - Texas Instruments TMUX7212 Datasheet HTML 7Page - Texas Instruments TMUX7212 Datasheet HTML 8Page - Texas Instruments TMUX7212 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
6 Pin Configuration and Functions
Figure 6-1. PW Package
16-Pin TSSOP
Top View
Figure 6-2. RUM Package
16-Pin WQFN
Top View
Table 6-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION(2)
NAME
TSSOP
WQFN
D1
2
16
I/O
Drain pin 1. Can be an input or output.
D2
15
13
I/O
Drain pin 2. Can be an input or output.
D3
10
8
I/O
Drain pin 3. Can be an input or output.
D4
7
5
I/O
Drain pin 4. Can be an input or output.
GND
5
3
P
Ground (0 V) reference
N.C.
12
10
—
No internal connection. Can be shorted to GND or left floating.
S1
3
1
I/O
Source pin 1. Can be an input or output.
S2
14
12
I/O
Source pin 2. Can be an input or output.
S3
11
9
I/O
Source pin 3. Can be an input or output.
S4
6
4
I/O
Source pin 4. Can be an input or output.
SEL1
1
15
I
Logic control input 1, has internal pull-down resistor. Controls channel 1 state as shown in Section
9.5.
SEL2
16
14
I
Logic control input 2, has internal pull-down resistor. Controls channel 2 state as shown in Section
9.5.
SEL3
9
7
I
Logic control input 3, has internal pull-down resistor. Controls channel 3 state as shown in Section
9.5.
SEL4
8
6
I
Logic control input 4, has internal pull-down resistor. Controls channel 4 state as shown in Section
9.5.
VDD
13
11
P
Positive power supply. This pin is the most positive power-supply potential. For reliable operation,
connect a decoupling capacitor ranging from 0.1 µF to 10 µF between VDD and GND.
VSS
4
2
P
Negative power supply. This pin is the most negative power-supply potential. In single-supply
applications, this pin can be connected to ground. For reliable operation, connect a decoupling
capacitor ranging from 0.1 μF to 10 μF between VSS and GND.
Thermal Pad
—
The thermal pad is not connected internally. No requirement to solder this pad, if connected it is
recommended that the pad be left floating or tied to GND
(1)
I = input, O = output, I/O = input and output, P = power.
(2)
Refer to Section 9.4 for what to do with unused pins.
TMUX7211, TMUX7212, TMUX7213
SCDS416B – OCTOBER 2020 – REVISED APRIL 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX7211 TMUX7212 TMUX7213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com