Electronic Components Datasheet Search
  English  ▼

X  

TMUX7212 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7212
Description  TMUX721x 44 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7212 Datasheet(HTML) 1 Page - Texas Instruments

  TMUX7212 Datasheet HTML 1Page - Texas Instruments TMUX7212 Datasheet HTML 2Page - Texas Instruments TMUX7212 Datasheet HTML 3Page - Texas Instruments TMUX7212 Datasheet HTML 4Page - Texas Instruments TMUX7212 Datasheet HTML 5Page - Texas Instruments TMUX7212 Datasheet HTML 6Page - Texas Instruments TMUX7212 Datasheet HTML 7Page - Texas Instruments TMUX7212 Datasheet HTML 8Page - Texas Instruments TMUX7212 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
TMUX721x 44 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up
Immunity and 1.8-V Logic
1 Features
• Latch-Up Immune
• Dual Supply Range: ±4.5 V to ±22 V
• Single Supply Range: 4.5 V to 44 V
• Low On-Resistance: 2 Ω
• High Current Support: 330 mA (Maximum)
(WQFN)
• High Current Support: 220 mA (Maximum)
(TSSOP)
• –40°C to +125°C Operating Temperature
• 1.8 V Logic Compatible
• Fail-Safe Logic
• Rail-to-Rail Operation
• Bidirectional Operation
2 Applications
• Sample-and-Hold Circuits
• Feedback Gain Switching
• Signal Isolation
• Field Transmitters
• Programmable Logic Controllers (PLC)
• Factory Automation and Control
• Ultrasound Scanners
• Patient Monitoring and Diagnostics
• Electrocardiogram (ECG)
• Data Acquisition Systems (DAQ)
• Semiconductor Test Equipment
• LCD Test
• Instrumentation: Lab, Analytical, Portable
• Ultrasonic Smart Meters: Water and Gas
• Optical Networking
• Optical Test Equipment
3 Description
The TMUX7211, TMUX7212, and TMUX7213 are
complementary metal-oxide semiconductor (CMOS)
switches with four independently selectable 1:1,
single-pole, single-throw (SPST) switch channels. The
devices work with a single supply (4.5 V to 44 V), dual
supplies (±4.5 V to ±22 V), or asymmetric supplies
(such as VDD = 12 V, VSS = –5 V). The TMUX721x
supports bidirectional analog and digital signals on the
source (Sx) and drain (Dx) pins ranging from VSS to
VDD.
The switches of the TMUX721x are controlled with
appropriate logic control inputs on the SELx pins. The
TMUX721x are part of the precision switches and
multiplexers family of devices and have very low on
and off leakage currents allowing them to be used in
high precision measurement applications.
The TMUX721x family provides latch-up immunity,
preventing undesirable high current events between
parasitic structures within the device typically caused
by overvoltage events. A latch-up condition typically
continues until the power supply rails are turned off
and can lead to device failure. The latch-up immunity
feature allows the TMUX721x family of switches and
multiplexers to be used in harsh environments.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMUX7211
TSSOP (16) (PW)
5.00 mm × 4.40 mm
TMUX7212
WQFN (16) (RUM)
4.00 mm × 4.00 mm
TMUX7213
(1)
See the package option addendum at the end of the data
sheet for all available packages.
SW
SW
SW
SW
S1
S2
S3
S4
SEL1
SEL2
SEL3
SEL4
D1
D2
D3
D4
VDD
VSS
S1
S2
S3
S4
D1
D2
D3
D4
VDD
VSS
SW
SW
SW
SW
S1
S2
S3
S4
D1
D2
D3
D4
VDD
VSS
SW
SW
SW
SW
SEL1
SEL2
SEL3
SEL4
SEL1
SEL2
SEL3
SEL4
TMUX7211
(SELx = Logic 1)
TMUX7212
(SELx = Logic 1)
TMUX7213
(SELx = Logic 1)
TMUX721x Block Diagrams
www.ti.com
TMUX7211, TMUX7212, TMUX7213
SCDS416B – OCTOBER 2020 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: TMUX7211 TMUX7212 TMUX7213
TMUX7211, TMUX7212, TMUX7213
SCDS416B – OCTOBER 2020 – REVISED APRIL 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMUX7212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX7212 TI-TMUX7212 Datasheet
2Mb / 40P
TMUX721x 44-V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
TMUX7212 TI-TMUX7212 Datasheet
2Mb / 48P
TMUX7212-Q1 44 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
SEPTEMBER 2021
TMUX7212 TI2-TMUX7212 Datasheet
2Mb / 52P
TMUX721x 44V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
REVISED JULY 2024
TMUX7212-Q1 TI-TMUX7212-Q1 Datasheet
2Mb / 48P
TMUX7212-Q1 44 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
SEPTEMBER 2021
TMUX7212M TI1-TMUX7212M Datasheet
1Mb / 33P
TMUX7212M 44 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
JANUARY 2024
More results

Similar Description - TMUX7212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX7211 TI-TMUX7211 Datasheet
2Mb / 40P
TMUX721x 44-V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
TMUX7212-Q1 TI-TMUX7212-Q1 Datasheet
2Mb / 48P
TMUX7212-Q1 44 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
SEPTEMBER 2021
TMUX7234 TI-TMUX7234_V01 Datasheet
1Mb / 38P
TMUX7234 44 V, Low Ron, 2:1, 4 Channel Precision Switches with Latch-Up Immunity and 1.8 V Logic
AUGUST 2021
TMUX8212 TI-TMUX8212 Datasheet
1Mb / 28P
TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
OCTOBER 2021
TMUX8212 TI-TMUX8212_V01 Datasheet
1Mb / 32P
TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
DECEMBER 2021
TMUX7234 TI1-TMUX7234_V02 Datasheet
1Mb / 45P
TMUX7234 44 V, Low Ron, 2:1, 4 Channel Precision Switches with Latch-Up Immunity and 1.8 V Logic
REVISED DECEMBER 2022
TMUX7201 TI-TMUX7201 Datasheet
1Mb / 39P
TMUX720x 44 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With Latch-Up Immunity and 1.8-V Logic
REVISED MARCH 2023
TMUX7221 TI-TMUX7221 Datasheet
1Mb / 36P
TMUX722x 44 V, Low-RON, 1:1 (SPST), 2-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
FEBRUARY 2023
TMUX7221 TI-TMUX7221_V01 Datasheet
1Mb / 37P
TMUX722x 44 V, Low-RON, 1:1 (SPST), 2-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
REVISED SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com