Electronic Components Datasheet Search
  English  ▼

X  

TUSB216I Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB216I
Description  TUSB216I USB 2.0 High-Speed Signal Conditioner With BC 1.2 Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB216I Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB216I Datasheet HTML 6Page - Texas Instruments TUSB216I Datasheet HTML 7Page - Texas Instruments TUSB216I Datasheet HTML 8Page - Texas Instruments TUSB216I Datasheet HTML 9Page - Texas Instruments TUSB216I Datasheet HTML 10Page - Texas Instruments TUSB216I Datasheet HTML 11Page - Texas Instruments TUSB216I Datasheet HTML 12Page - Texas Instruments TUSB216I Datasheet HTML 13Page - Texas Instruments TUSB216I Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
7.4.4 High-speed Downstream Port Electrical Compliance Test Mode
TUSB216I will detect HS compliance test fixture and enter downstream port high-speed eye diagram test mode.
CD pin will be low and ENA_HS pin is asserted high when TUSB216I is in HS eye compliance test mode.
If RSTN pin is asserted low and de-asserted high while TUSB216I is operating in HS functional mode, TUSB216I
will transition to HS eye compliance test mode and CD asserts low and ENA_HS remains high. When this occurs
signal compensation is enabled.
7.4.5 Shutdown Mode
TUSB216I can be disabled when its RSTN pin is asserted low. DP, DM traces are continuous through the device
in shutdown mode. The USB channel is still fully operational, but there is neither signal compensation, nor any
indication from the CD pin as to the status of the channel.
Table 7-1. CD and ENA_HS Pins in Different Modes
MODE
CD
ENA_HS
Low-speed
HIGH
LOW
Full-speed
HIGH
LOW
High-speed
HIGH
HIGH
High-speed downstream port electrical test
LOW
HIGH
Shutdown
LOW
LOW
7.4.6 I2C Mode
TUSB216I supports 100 KHz I2C for device configuration, status read back and test purposes. For detail
electrical and functional specifications refer to I2C Bus Specification 2.1, 2001 – STANDARD MODE. This
controller is enabled after SCL and SDA pins are sampled high shortly after return from shutdown. In this
mode, the CSR can be accessed by I2C read/write transaction to 7-bit slave address 0x2C. It is advised to set
CFG_ACTIVE bit before changing values. This halts the FSM, and reset it after all changes are made. This
ensure proper startup into high-speed mode.
7.4.7 BC 1.2 Battery Charging Controller
The TUSB216I main function is a signal conditioner offering the boost and pre-equalization features to the
incoming DP/DM signals. For applications in which USB host or hub does not provide USB BC charging
controller functionality, the TUSB216I can perform this task when CDP_ENZ is low and BC 1.2 CDP Controller
is enabled. When battery charging CDP controller feature is enabled (CDP_ENZ=low) TUSB216I supports CDP
charging downstream port functionality. CDP_ENZ has an internal pull up when the pin is left unconnected CDP
controller will be disabled.
Table 7-2. TUSB216I Battery Charging Controller Modes
Pin 11 (CDP_ENZ)
CDP
High
NO
Low
YES
7.5 TUSB216 Registers
Table 7-3 lists the memory-mapped registers for the TUSB216 registers. All register offset addresses not listed in
Table 7-3 should be considered as reserved locations and the register contents should not be modified.
Table 7-3. TUSB216 Registers
Offset
Acronym
Register Name
Section
0x1
EDGE_BOOST
This register is setting EDGE BOOST level.
Go
0x3
CONFIGURATION
This register is selecting device mode.
Go
0xE
DC_BOOST
This register is setting DC BOOST level.
Go
0x25
RX_SEN
This register is setting RX Sensitivity level.
Go
TUSB216I
SLLSFM9 – MARCH 2021
www.ti.com
10
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TUSB216I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com